Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 239 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 239 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 235Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 236Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 237Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 238Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 239Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 240Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 241Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 242Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 243Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 1302 page
background image
Memory Management
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
5-25
•
Supervisor mode page read access
•
Supervisor mode page write access
•
Write-through required (W)
•
Caching inhibited (I)
•
Memory coherence required (M) (ignored on the MPC8540)
•
Guarded (G)
•
Endianess (E)
•
User-definable (U0–U3), a 4-bit implementation-specific field
The core complex employs a two-level memory management unit (MMU) architecture. There are
separate instruction and data level-1 (L1) MMUs backed up by a unified level-2 (L2) MMU, as
shown in Figure 5-7.
Figure 5-7. MMU Structure
Level-1 MMUs have the following features:
•
Four-entry, fully associative TLB array that supports all nine page sizes
•
64-entry, 4-way set-associative TLB 4-Kbyte array that supports 4-Kbyte pages only
L2 MMUs
256-Entry
TLB Array
16-Entry
(TLB0)
TLB Array
(TLB1)
Unified
L1 Data MMU
64-Entry
D-L1TLB4K
4-Entry
D-L1VSP
L1 Instruction MMU
64-Entry
I-L1TLB4K
4-Entry
I-L1VSP
32-Kbyte I-Cache
Memory Unit
Tags
Tags
32-Kbyte D-Cache
MAS
Registers
To Instruction Unit
Instruction Line
FIll Buffer
To Load/Store Unit
Core Interface
Data Line
FIll Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com