Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 242 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 242 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 238Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 239Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 240Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 241Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 242Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 243Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 244Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 245Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 246Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
5-28
Freescale Semiconductor
Core Complex Overview
instruction is also broadcast on the core complex bus (CCB) if HID1[ABE] is set. The core
complex also snoops TLB invalidate transactions on the CCB from other bus masters.
On the MPC8540 the ABE bit must be set to ensure that cache and TLB management instructions
operate properly on the L2 cache.
5.10 Memory Coherency
The core complex supports both three- and four-state memory coherency. Memory coherency is
hardware-supported on the system bus through bus snooping and the retry/copyback bus protocol,
and through broadcasting of cache management instructions. Translation coherency is also
hardware-supported through broadcasting and bus snooping of TLB invalidate transactions. The
four-state MESI protocol supports efficient large-scale real-time data sharing between multiple
caching bus masters.
5.10.1 Atomic Update Memory References
The e500 core supports atomic update memory references for both aligned word forms of data
using the load and reserve and store conditional instruction pair, lwarx and stwcx.. Typically, a
load and reserve instruction establishes a reservation and is paired with a store conditional
instruction to achieve the atomic operation. However, there are restrictions and requirements for
this functionality. Because the processor revokes reservations during context switches, the
programmer must reacquire the reservation after a context switch to maintain reservations across
context switches.
5.10.2 Memory Access Ordering
The core complex supports weakly ordered references to memory. Thus the e500 manages the
order and synchronization of instructions to ensure proper execution when memory is shared
between multiple processes or programs. The cache and data memory control attributes along with
msync and mbar provide the required access control.
5.10.3 Cache Control Instructions
The core complex supports Book E instructions for performing a full range of cache control
functions, including cache locking by line. The core complex supports broadcasting and snooping
of these cache control instructions on the CCB. The e500 core also supports the following
e500-specific cache locking instructions:
•
Data Cache Block Lock Clear (dcblc)
•
Data Cache Block Touch-and-Lock Set (dcbtls)
•
Data Cache Block Touch for Store and Lock Set (dcbtstls)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com