Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 240 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 240 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 236Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 237Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 238Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 239Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 240Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 241Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 242Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 243Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 244Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
5-26
Freescale Semiconductor
Core Complex Overview
•
Hardware partially managed by L2 MMU
•
Supports snooping of TLBs by both internal and external tlbivax instructions
The level-2 MMU has the following features:
•
A 16-entry, fully associative L2 TLB array (TLB1) that supports all nine page sizes
•
256-entry, 2-way set-associative TLB array (TLB0) that supports only 4-Kbyte pages
•
Hardware assist for TLB miss exceptions
•
Software managed by tlbre, tlbwe, tlbsx, tlbsync, tlbivax, and mtspr instructions
•
Supports snooping of TLB by both internal and external tlbivax instructions
5.9.1
Address Translation
The core complex fetch and load/store units generate 32-bit effective addresses. The MMU
translates these addresses to real 32-bit addresses (which are used for memory bus accesses) using
an interim 41-bit virtual address. Figure 5-8 shows the translation flow.
Figure 5-8. Effective-to-Real Address Translation Flow
The appropriate L1 MMU (instruction or data) is checked for a matching address translation. The
instruction L1 MMU and data L1 MMU operate independently and can be accessed in parallel, so
that hits for instruction accesses and data accesses can occur in the same clock. If an L1 MMU
misses, the request for translation is forwarded to the unified (instruction and data) L2 MMU. If
found, the contents of the TLB entry are concatenated with the byte address to obtain the physical
address of the requested access. On misses, the L1 TLB entries are replaced from their L2 TLB
counterparts using a true LRU algorithm.
Effective Page Number
Byte Address
Real Page Number
Byte Address
32-bit Effective Address (EA)
32-bit Real Address
15–20 Bits*
>12 Bits*
15–20 Bits*
>12 Bits*
Three 41-bit Virtual Addresses (VAs)
L1 MMUs
Instruction L1 MMU
Data L1 MMU
2 TLBs
2 TLBs
* Number of bits depends on page size (4 Kbytes–128 Mbytes)
AS
8 bits
PID0
PID1
PID2
L2 MMU (Unified)
16-Entry Fully-Assoc. VSP Array (TLB1)
256-Entry 2-Way Set Assoc. Array (TLB0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com