Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 143 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 143 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 147Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 1302 page
background image
Complete CCSR Map
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-25
0x2_0E00
L2ERRINJHI—L2 error injection mask high register
R/W
0x0000_0000
7.3.1.5.1/7-13
0x2_0E04
L2ERRINJLO—L2 error injection mask low register
R/W
0x0000_0000
7.3.1.5.1/7-13
0x2_0E08
L2ERRINJCTL—L2 error injection tag/ECC control
register
R/W
0x0000_0000
7.3.1.5.1/7-13
0x2_0E20
L2CAPTDATAHI—L2 error data high capture register
R
0x0000_0000
7.3.1.5.2/7-15
0x2_0E24
L2CAPTDATALO—L2 error data low capture register
R
0x0000_0000
7.3.1.5.2/7-15
0x2_0E28
L2CAPTECC—L2 error syndrome register
R
0x0000_0000
7.3.1.5.2/7-15
0x2_0E40
L2ERRDET—L2 error detect register
Special
0x0000_0000
7.3.1.5.2/7-15
0x2_0E44
L2ERRDIS—L2 error disable register
R/W
0x0000_0000
7.3.1.5.2/7-15
0x2_0E48
L2ERRINTEN—L2 error interrupt enable register
R/W
0x0000_0000
7.3.1.5.2/7-15
0x2_0E4C
L2ERRATTR—L2 error attributes capture register
R/W
0x0000_0000
7.3.1.5.2/7-15
0x2_0E50
L2ERRADDR—L2 error address capture register
R
0x0000_0000
7.3.1.5.2/7-15
0x2_0E58
L2ERRCTL—L2 error control register
R/W
0x0000_0000
7.3.1.5.2/7-15
DMA Registers
General Registers
0x2_1100
MRn—DMA 0 mode register
R/W
0x0000_0000
15.3.2.1/15-10
0x2_1104
SRn—DMA 0 status register
Special
0x0000_0000
15.3.2.2/15-13
0x2_1108
Reserved
—
—
—
0x2_110C
CLNDARn—DMA 0 current link descriptor address
register
R/W
0x0000_0000
15.3.2.3/15-14
0x2_1110
SATRn—DMA 0 source attributes register
R/W
0x0000_0000
15.3.2.4/15-16
0x2_1114
SARn—DMA 0 source address register
R/W
0x0000_0000
15.3.2.5/15-18
0x2_1118
DATRn—DMA 0 destination attributes register
R/W
0x0000_0000
15.3.2.6/15-19
0x2_111C
DARn—DMA 0 destination address register
R/W
0x0000_0000
15.3.2.7/15-21
0x2_1120
BCRn—DMA 0 byte count register
R/W
0x0000_0000
15.3.2.8/15-23
0x2_1124
Reserved
—
—
—
0x2_1128
NLNDARn—DMA 0 next link descriptor address
register
R/W
0x0000_0000
15.3.2.9/15-23
0x2_1130
Reserved
—
—
—
0x2_1134
CLSDARn—DMA 0 current list alternate base
descriptor address register
R/W
0x0000_0000
15.3.2.10/15-24
0x2_1138
Reserved
—
—
—
0x2_113C
NLSDARn—DMA 0 next list descriptor address
register
R/W
0x0000_0000
15.3.2.11/15-25
0x2_1140
SSRn—DMA 0 source stride register
R/W
0x0000_0000
15.3.2.12/15-25
0x2_1144
DSRn—DMA 0 destination stride register
R/W
0x0000_0000
15.3.2.13/15-26
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com