Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 144 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 144 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 148Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
2-26
Freescale Semiconductor
Memory Map
0x2_1148
–
0x2_117C
Reserved
—
—
—
0x2_1180
MRn—DMA 1 mode register
R/W
0x0000_0000
15.3.2.1/15-10
0x2_1184
SRn—DMA 1 status register
Special
0x0000_0000
15.3.2.2/15-13
0x2_1188
Reserved
—
—
—
0x2_118C
CLNDARn—DMA 1 current link descriptor address
register
R/W
0x0000_0000
15.3.2.3/15-14
0x2_1190
SATRn—DMA 1 source attributes register
R/W
0x0000_0000
15.3.2.4/15-16
0x2_1194
SARn—DMA 1 source address register
R/W
0x0000_0000
15.3.2.5/15-18
0x2_1198
DATRn—DMA 1 destination attributes register
R/W
0x0000_0000
15.3.2.6/15-19
0x2_119C
DARn—DMA 1 destination address register
R/W
0x0000_0000
15.3.2.7/15-21
0x2_11A0
BCRn—DMA 1 byte count register
R/W
0x0000_0000
15.3.2.8/15-23
0x2_11A4
Reserved
—
—
—
0x2_11A8
NLNDARn—DMA 1 next link descriptor address
register
R/W
0x0000_0000
15.3.2.9/15-23
0x2_11AC
–
0x2_11B0
Reserved
—
—
—
0x2_11B4
CLSDARn—DMA 1 current list alternate base
descriptor address register
R/W
0x0000_0000
15.3.2.10/15-24
0x2_11B8
Reserved
—
—
—
0x2_11BC
NLSDARn—DMA 1 next list descriptor address
register
R/W
0x0000_0000
15.3.2.11/15-25
0x2_11C0
SSRn—DMA 1 source stride register
R/W
0x0000_0000
15.3.2.12/15-25
0x2_11C4
DSRn—DMA 1 destination stride register
R/W
0x0000_0000
15.3.2.13/15-26
0x2_11C8
–
0x2_11FC
Reserved
—
—
—
0x2_1200
MRn—DMA 2 mode register
R/W
0x0000_0000
15.3.2.1/15-10
0x2_1204
SRn—DMA 2 status register
Special
0x0000_0000
15.3.2.2/15-13
0x2_1208
Reserved
—
—
—
0x2_120C
CLNDARn—DMA 2 current link descriptor address
register
R/W
0x0000_0000
15.3.2.3/15-14
0x2_1210
SATRn—DMA 2 source attributes register
R/W
0x0000_0000
15.3.2.4/15-16
0x2_1214
SARn—DMA 2 source address register
R/W
0x0000_0000
15.3.2.5/15-18
0x2_1218
DATRn—DMA 2 destination attributes register
R/W
0x0000_0000
15.3.2.6/15-19
0x2_121C
DARn—DMA 2 destination address register
R/W
0x0000_0000
15.3.2.7/15-21
0x2_1220
BCRn—DMA 2 byte count register
R/W
0x0000_0000
15.3.2.8/15-23
0x2_1224
Reserved
—
—
—
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com