Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 148 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 148 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 151Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 152Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
2-30
Freescale Semiconductor
Memory Map
0x2_4520
MIIMCFG—MII management configuration register
R/W
0x0000_0000
14.5.3.6.6/14-54
0x2_4524
MIIMCOM—MII Management command register
R/W
0x0000_0000
14.5.3.6.7/14-55
0x2_4528
MIIMADD—MII Management address register
R/W
0x0000_0000
14.5.3.6.8/14-56
0x2_452C
MIIMCON—MII Management control register
W
0x0000_0000
14.5.3.6.9/14-57
0x2_4530
MIIMSTAT—MII Management status register
R
0x0000_0000
14.5.3.6.10/14-57
0x2_4534
MIIMIND—MII Management indicator register
R
0x0000_0000
14.5.3.6.11/14-58
0x2_4538
Reserved
R
0x0000_0000
—
0x2_453C
IFSTAT—Interface status register
R/W
0x0000_0000
14.5.3.6.12/14-58
0x2_4540
MACSTNADDR1—Station address register, part 1
R/W
0x0000_0000
14.5.3.6.13/14-59
0x2_4544
MACSTNADDR2—Station address register, part 2
R/W
0x0000_0000
14.5.3.6.14/14-60
0x2_4548–
0x2_467C
Reserved
R
0x0000_0000
—
TSEC1 RMON MIB Registers
TSEC1 Transmit and Receive Counters
0x2_4680
TR64—Transmit and receive 64-byte frame counter
register
R/W
0x0000_0000
14.5.3.7.1/14-61
0x2_4684
TR127—Transmit and receive 65- to 127-byte frame
counter register
R/W
0x0000_0000
14.5.3.7.2/14-61
0x2_4688
TR255—Transmit and receive 128- to 255-byte frame
counter register
R/W
0x0000_0000
14.5.3.7.3/14-62
0x2_468C
TR511—Transmit and receive 256- to 511-byte frame
counter register
R/W
0x0000_0000
14.5.3.7.4/14-62
0x2_4690
TR1K—Transmit and receive 512- to 1023-byte
frame counter register
R/W
0x0000_0000
14.5.3.7.5/14-63
0x2_4694
TRMAX—Transmit and receive 1024- to 1518-byte
frame counter register
R/W
0x0000_0000
14.5.3.7.6/14-63
0x2_4698
TRMGV—Transmit and receive 1519- to 1522-byte
good VLAN frame count register
R/W
0x0000_0000
14.5.3.7.7/14-64
TSEC1 Receive Counters
0x2_469C
RBYT—receive byte counter register
R/W
0x0000_0000
14.5.3.7.8/14-64
0x2_46A0
RPKT—receive packet counter register
R/W
0x0000_0000
14.5.3.7.9/14-65
0x2_46A4
RFCS—receive FCS error counter register
R/W
0x0000_0000
14.5.3.7.10/14-65
0x2_46A8
RMCA—receive multicast packet counter register
R/W
0x0000_0000
14.5.3.7.11/14-66
0x2_46AC
RBCA—receive broadcast packet counter register
R/W
0x0000_0000
14.5.3.7.12/14-66
0x2_46B0
RXCF—receive control frame packet counter register
R/W
0x0000_0000
14.5.3.7.13/14-67
0x2_46B4
RXPF—receive PAUSE frame packet counter
register
R/W
0x0000_0000
14.5.3.7.14/14-67
0x2_46B8
RXUO—receive unknown OP code counter register
R/W
0x0000_0000
14.5.3.7.15/14-68
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com