Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 152 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 152 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 151Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 152Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 153Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 154Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 155Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 156Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
2-34
Freescale Semiconductor
Memory Map
0x2_6208–
0x2_62AC
Reserved
R
0x0000_0000
—
0x2_62B0
OSTBD—Out-of-sequence TxBD register
R/W
0x0000_0000
21.5.3.3.7/21-29
0x2_62B4
OSTBDP—Out-of-sequence TxBD pointer register
R/W
0x0000_0000
21.5.3.3.8/21-31
0x2_62B8–
0x2_62FC
Reserved
R
0x0000_0000
—
FEC Receive Control and Status Registers
0x2_6300
RCTRL—Receive control register
R/W
0x0000_0000
21.5.3.4.1/21-31
0x2_6304
RSTAT—Receive status register
R/W
0x0000_0000
21.5.3.4.2/21-32
0x2_6308
Reserved
R
0x0000_0000
—
0x2_630C
RBDLEN—RxBD data length register
R
0x0000_0000
21.5.3.4.3/21-33
0x2_6310–
0x2_6320
Reserved
R
0x0000_0000
—
0x2_6324
CRBPTR—Current RxBD pointer register
R
0x0000_0000
21.5.3.4.4/21-33
0x2_6328–
0x2_633C
Reserved
R
0x0000_0000
—
0x2_6340
MRBLR—Maximum receive buffer length register
R/W
0x0000_0000
21.5.3.4.5/21-34
0x2_6344–
0x2_6380
Reserved
R
0x0000_0000
—
0x2_6384
RBPTR—RxBD pointer register
R/W
0x0000_0000
21.5.3.4.6/21-35
0x2_6388–
0x2_6400
Reserved
R
0x0000_0000
—
0x2_6404
RBASE—RxBD base address register
R/W
0x0000_0000
21.5.3.4.7/21-35
0x2_6408–
0x2_64FC
Reserved
R
0x0000_0000
—
FEC MAC Registers
0x2_6500
MACCFG1—MAC configuration register #1
R/W
0x0000_0000
21.5.3.6.1/21-38
0x2_6504
MACCFG2—MAC configuration register #2
R/W
0x0000_7000
21.5.3.6.2/21-40
0x2_6508
IPGIFG—Inter-packet gap/inter-frame gap register
R/W
0x4060_5060
21.5.3.6.3/21-41
0x2_650C
HAFDUP—Half-duplex register
R/W
0x00A0_F037
21.5.3.6.4/21-41
0x2_6510
MAXFRM—Maximum frame length register
R/W
0x0000_0600
21.5.3.6.5/21-42
0x2_6514–
0x2_6538
Reserved
R
0x0000_0000
—
0x2_653C
IFSTAT—Interface status register
R
0x0000_0000
21.5.3.6.6/21-43
0x2_6540
MACSTNADDR1—Station address register, part 1
R/W
0x0000_0000
21.5.3.6.7/21-43
0x2_6544
MACSTNADDR2—Station address register, part 2
R/W
0x0000_0000
21.5.3.6.8/21-44
0x2_6548–
0x2_67FC
Reserved
R
0x0000_0000
—
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com