Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 153 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 153 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 151Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 152Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 153Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 154Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 155Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 156Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 157Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 1302 page
background image
Complete CCSR Map
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-35
FEC Hash Function Registers
0x2_6800
IADDR0—Individual address register 0
R/W
0x0000_0000
21.5.3.7.1/21-45
0x2_6804
IADDR1—Individual address register 1
R/W
0x0000_0000
0x2_6808
IADDR2—Individual address register 2
R/W
0x0000_0000
0x2_680C
IADDR3—Individual address register 3
R/W
0x0000_0000
0x2_6810
IADDR4—Individual address register 4
R/W
0x0000_0000
0x2_6814
IADDR5—Individual address register 5
R/W
0x0000_0000
0x2_6818
IADDR6—Individual address register 6
R/W
0x0000_0000
0x2_681C
IADDR7—Individual address register 7
R/W
0x0000_0000
0x2_6820–
0x2_687C
Reserved
R
0x0000_0000
—
0x2_6880
GADDR0—Group address register 0
R/W
0x0000_0000
21.5.3.7.2/21-46
0x2_6884
GADDR1—Group address register 1
R/W
0x0000_0000
0x2_6888
GADDR2—Group address register 2
R/W
0x0000_0000
0x2_688C
GADDR3—Group address register 3
R/W
0x0000_0000
0x2_6890
GADDR4—Group address register 4
R/W
0x0000_0000
0x2_6894
GADDR5—Group address register 5
R/W
0x0000_0000
0x2_6898
GADDR6—Group address register 6
R/W
0x0000_0000
0x2_689C
GADDR7—Group address register 7
R/W
0x0000_0000
0x2_68A0–
0x2_6BF4
Reserved
R
0x0000_0000
—
FEC Attribute Registers
0x2_6BF8
ATTR—Attribute register
R/W
0x0000_0000
21.5.3.8.1/21-46
0x2_6BFC
ATTRELI—Attribute EL & EI register
R/W
0x0000_0000
21.5.3.8.2/21-47
FEC Future Expansion Space
0x2_6C00–
0x2_6FFC
Reserved
R
0x0000_0000
—
PIC Register Address Map—Global Registers
0x4_0000–
0x4_0030
Reserved
—
—
—
0x4_0040
IPIDR0—Interprocessor interrupt 0 (IPI 0) dispatch
register
W
0x0000_0000
10.3.7.1/10-39
0x4_0050
IPIDR1—IPI 1 dispatch register
0x4_0060
IPIDR2—IPI 2 dispatch register
0x4_0070
IPIDR3—IPI 3 dispatch register
0x4_0080
CTPR—Current task priority register
R/W
0x0000_000F
10.3.7.2/10-40
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com