Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 149 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 149 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 151Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 152Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 153Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 1302 page
background image
Complete CCSR Map
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-31
0x2_46BC
RALN—receive alignment error counter register
R/W
0x0000_0000
14.5.3.7.16/14-68
0x2_46C0
RFLR—receive frame length error counter register
R/W
0x0000_0000
14.5.3.7.17/14-69
0x2_46C4
RCDE—receive code error counter register
R/W
0x0000_0000
14.5.3.7.18/14-69
0x2_46C8
RCSE—receive carrier sense error counter register
R/W
0x0000_0000
14.5.3.7.19/14-70
0x2_46CC
RUND—receive undersize packet counter register
R/W
0x0000_0000
14.5.3.7.20/14-70
0x2_46D0
ROVR—receive oversize packet counter register
R/W
0x0000_0000
14.5.3.7.21/14-71
0x2_46D4
RFRG—receive fragments counter register
R/W
0x0000_0000
14.5.3.7.22/14-71
0x2_46D8
RJBR—receive jabber counter register
R/W
0x0000_0000
14.5.3.7.23/14-72
0x2_46DC
RDRP—receive drop register
R/W
0x0000_0000
14.5.3.7.24/14-72
TSEC1 Transmit Counters
0x2_46E0
TBYT—Transmit byte counter register
R/W
0x0000_0000
14.5.3.7.25/14-73
0x2_46E4
TPKT—Transmit packet counter register
R/W
0x0000_0000
14.5.3.7.26/14-73
0x2_46E8
TMCA—Transmit multicast packet counter register
R/W
0x0000_0000
14.5.3.7.27/14-74
0x2_46EC
TBCA—Transmit broadcast packet counter register
R/W
0x0000_0000
14.5.3.7.28/14-74
0x2_46F0
TXPF—Transmit PAUSE control frame counter
register
R/W
0x0000_0000
14.5.3.7.29/14-75
0x2_46F4
TDFR—Transmit deferral packet counter register
R/W
0x0000_0000
14.5.3.7.30/14-75
0x2_46F8
TEDF—Transmit excessive deferral packet counter
register
R/W
0x0000_0000
14.5.3.7.31/14-76
0x2_46FC
TSCL—Transmit single collision packet counter
register
R/W
0x0000_0000
14.5.3.7.32/14-76
0x2_4700
TMCL—Transmit multiple collision packet counter
register
R/W
0x0000_0000
14.5.3.7.33/14-77
0x2_4704
TLCL—Transmit late collision packet counter register
R/W
0x0000_0000
14.5.3.7.34/14-77
0x2_4708
TXCL—Transmit excessive collision packet counter
register
R/W
0x0000_0000
14.5.3.7.35/14-78
0x2_470C
TNCL—Transmit total collision counter register
R/W
0x0000_0000
14.5.3.7.36/14-78
0x2_4710
Reserved
R
0x0000_0000
—
0x2_4714
TDRP—Transmit drop frame counter register
R/W
0x0000_0000
14.5.3.7.37/14-79
0x2_4718
TJBR—Transmit jabber frame counter register
R/W
0x0000_0000
14.5.3.7.38/14-79
0x2_471C
TFCS—Transmit FCS error counter register
R/W
0x0000_0000
14.5.3.7.39/14-80
0x2_4720
TXCF—Transmit control frame counter register
R/W
0x0000_0000
14.5.3.7.40/14-80
0x2_4724
TOVR—Transmit oversize frame counter register
R/W
0x0000_0000
14.5.3.7.41/14-81
0x2_4728
TUND—Transmit undersize frame counter register
R/W
0x0000_0000
14.5.3.7.42/14-81
0x2_472C
TFRG—Transmit fragments frame counter register
R/W
0x0000_0000
14.5.3.7.43/14-82
TSEC1 General Registers
0x2_4730
CAR1—Carry register one register
R/W
0x0000_0000
14.5.3.7.44/14-82
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com