Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 151 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 151 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 151Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 152Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 153Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 154Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 155Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 1302 page
background image
Complete CCSR Map
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-33
0x2_6000–
0x2_600C
Reserved
R
0x0000_0000
—
0x2_6010
IEVENT—Interrupt event register
R
0x0000_0000
21.5.3.1.1/21-13
0x2_6014
IMASK—Interrupt mask register
R/W
0x0000_0000
21.5.3.1.2/21-16
0x2_6018
EDIS—Error disabled register
R/W
0x0000_0000
21.5.3.1.3/21-18
0x2_601C–
0x2_6020
Reserved
R
0x0000_0000
—
0x2_6024
MINFLR—Minimum frame length register
R/W
0x0000_0040
21.5.3.1.4/21-18
0x2_6028
PTV—Pause time value register
R/W
0x0000_0000
21.5.3.1.5/21-19
0x2_602C
DMACTRL—DMA control register
R/W
0x0000_0000
21.5.3.1.6/21-20
0x2_6030–
0x2_6088
Reserved
R
0x0000_0000
—
FEC FIFO Control and Status Registers
0x2_604C
FIFO_PAUSE_CTRL—FIFO pause control register
R/W
0x0000_0000
21.5.3.2.1/21-22
0x2_6050–
0x2_6088
Reserved
R
0x0000_0000
—
0x2_608C
FIFO_TX_THR—FIFO transmit threshold register
R/W
0x0000_0080
21.5.3.2.2/21-23
0x2_6090–
0x2_6094
Reserved
R
0x0000_0000
—
0x2_6098
FIFO_TX_STARVE—FIFO transmit starve register
R/W
0x0000_0020
21.5.3.3.4/21-27
0x2_609C
FIFO_TX_STARVE_SHUTOFF—FIFO transmit
starve shutoff register
R/W
0x0000_0080
21.5.3.3.5/21-28
0x2_60A0–
0x2_60FC
Reserved
R
0x0000_0000
—
FEC Transmit Control and Status Registers
0x2_6100
TCTRL—Transmit control register
R/W
0x0000_0000
21.5.3.3.1/21-25
0x2_6104
TSTAT—Transmit status register
R/W
0x0000_0000
21.5.3.3.2/21-26
0x2_6108
Reserved
R
0x0000_0000
—
0x2_610C
TBDLEN—TxBD data length
R
0x0000_0000
21.5.3.3.3/21-27
0x2_6110–
0x2_6120
Reserved
R
0x0000_0000
—
0x2_6124
CTBPTR—Current TxBD pointer register
R
0x0000_0000
21.5.3.3.4/21-27
0x2_6128–
0x2_6180
Reserved
R
0x0000_0000
—
0x2_6184
TBPTR—TxBD pointer register
R/W
0x0000_0000
21.5.3.3.5/21-28
0x2_6188–
0x2_6200
Reserved
R
0x0000_0000
—
0x2_6204
TBASE—TxBD base address register
R/W
0x0000_0000
21.5.3.3.6/21-28
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com