Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 154 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 154 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 151Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 152Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 153Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 154Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 155Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 156Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 157Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 158Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
2-36
Freescale Semiconductor
Memory Map
0x4_0090
WHOAMI—Who am I register
R
0x0000_0000
10.3.7.3/10-41
0x4_00A0
IACK—Interrupt acknowledge register
R
0x0000_0000
10.3.7.4/10-41
0x4_00B0
EOI—End of interrupt register
W
0x0000_0000
10.3.7.5/10-42
0x4_00C0–
0x4_0FF0
Reserved
—
—
—
0x4_1000
FRR—Feature reporting register
R
0x0037_0002
10.3.1.1/10-16
0x4_1010
Reserved
—
—
—
0x4_1020
GCR—Global configuration register
R/W
0x0000_0000
10.3.1.2/10-17
0x4_1030
Reserved
—
—
—
0x4_1040–
0x4_1070
Vendor reserved
—
—
—
0x4_1080
VIR—Vendor identification register
R
0x0000_0000
10.3.1.3/10-17
0x4_1090
PIR—Processor initialization register
R/W
0x0000_0000
10.3.1.4/10-18
0x4_10A0
IPIVPR0—IPI 0 vector/priority register
R/W
0x8000_0000
10.3.1.5/10-19
0x4_10B0
IPIVPR1—IPI 1 vector/priority register
0x4_10C0
IPIVPR2—IPI 2 vector/priority register
0x4_10D0
IPIVPR3—IPI 3 vector/priority register
0x4_10E0
SVR—Spurious vector register
R/W
0x0000_FFFF
10.3.1.6/10-19
0x4_10F0
TFRR—Timer frequency reporting register
R/W
0x0000_0000
10.3.2.1/10-20
0x4_1100
GTCCR0—Global timer 0 current count register
R
0x0000_0000
10.3.2.2/10-21
0x4_1110
GTBCR0—Global timer 0 base count register
R/W
0x8000_0000
10.3.2.3/10-21
0x4_1120
GTVPR0—Global timer 0 vector/priority register
R/W
0x8000_0000
10.3.2.4/10-22
0x4_1130
GTDR0—Global timer 0 destination register
R/W
0x0000_0001
10.3.2.5/10-23
0x4_1140
GTCCR1—Global timer 1 current count register
R
0x0000_0000
10.3.2.2/10-21
0x4_1150
GTBCR1—Global timer 1 base count register
R/W
0x8000_0000
10.3.2.3/10-21
0x4_1160
GTVPR1—Global timer 1 vector/priority register
R/W
0x8000_0000
10.3.2.4/10-22
0x4_1170
GTDR1—Global timer 1 destination register
R/W
0x0000_0001
10.3.2.5/10-23
0x4_1180
GTCCR2—Global timer 2 current count register
R
0x0000_0000
10.3.2.2/10-21
0x4_1190
GTBCR2—Global timer 2 base count register
R/W
0x8000_0000
10.3.2.3/10-21
0x4_11A0
GTVPR2—Global timer 2 vector/priority register
R/W
0x8000_0000
10.3.2.4/10-22
0x4_11B0
GTDR2—Global timer 2 destination register
R/W
0x0000_0001
10.3.2.5/10-23
0x4_11C0
GTCCR3—Global timer 3 current count register
R
0x0000_0000
10.3.2.2/10-21
0x4_11D0
GTBCR3—Global timer 3 base count register
R/W
0x8000_0000
10.3.2.3/10-21
0x4_11E0
GTVPR3—Global timer 3 vector/priority register
R/W
0x8000_0000
10.3.2.4/10-22
0x4_11F0
GTDR3—Global timer 3 destination register
R/W
0x0000_0001
10.3.2.5/10-23
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com