Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 1302 page
background image
Complete CCSR Map
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-21
0x0_50A4
LSRT—SDRAM refresh timer
R/W
0x0000_0000
13.3.1.9/13-25
0x0_50B0
LTESR—Transfer error status register
Read/
Bit-reset
0x0000_0000
13.3.1.10/13-26
0x0_50B4
LTEDR—Transfer error disable register
R/W
0x0000_0000
13.3.1.11/13-27
0x0_50B8
LTEIR—Transfer error interrupt register
R/W
0x0000_0000
13.3.1.12/13-28
0x0_50BC
LTEATR—Transfer error attributes register
R/W
0x0000_0000
13.3.1.13/13-29
0x0_50C0
LTEAR—Transfer error address register
R/W
0x0000_0000
13.3.1.14/13-30
0x0_50D0
LBCR—Configuration register
R/W
0x0000_0000
13.3.1.15/13-31
0x0_50D4
LCRR—Clock ratio register
R/W
0x8000_0008
13.3.1.16/13-32
PCI/X Registers
PCI/X Configuration Access Registers
0x0_8000
CFG_ADDR—PCI/X configuration address
R/W
0x0000_0000
16.3.1.1.1/16-18
0x0_8004
CFG_DATA—PCI/X configuration data
R/W
0x0000_0000
16.3.1.1.1/16-18
0x0_8008
INT_ACK—PCI/X interrupt acknowledge
R
0x0000_0000
16.3.1.1.3/16-20
0x0_800C–
0x0_8BFC
Reserved
—
—
—
PCI/X ATMU Registers—Outbound and Inbound
0x0_8C00–0x0_8C3C–Outbound Window 0 (default)
0x0_8C00
POTAR0—PCI/X outbound window 0 (default)
translation address register
R/W
0x0000_0000
16.3.1.2.1/16-21
0x0_8C04
POTEAR0—PCI/X outbound window 0 (default)
translation extended address register
R/W
0x0000_0000
16.3.1.2.2/16-21
0x0_8C08
Reserved
—
—
0x0_8C0C
Reserved
—
—
0x0_8C10
POWAR0—PCI/X outbound window 0 (default)
attributes register
R/W
0x8004_401F
16.3.1.2.4/16-22
0x0_8C14–
0x0_8C1C
Reserved
—
—
0x0_8C20–0x0_8C3C—Outbound Window 1
0x0_8C20
POTAR1—PCI/X outbound window 1 translation
address register
R/W
0x0000_0000
16.3.1.2.1/16-21
0x0_8C24
POTEAR1—PCI/X outbound window 1 translation
extended address register
R/W
0x0000_0000
16.3.1.2.2/16-21
0x0_8C28
POWBAR1—PCI/X outbound window 1 base
address register
R/W
0x0000_0000
16.3.1.2.3/16-22
0x0_8C2C
Reserved
—
—
0x0_8C30
POWAR1—PCI/X outbound window 1 attributes
register
R/W
0x0000_0000
16.3.1.2.4/16-22
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com