Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
2-20
Freescale Semiconductor
Memory Map
0x0_4602
UAFR—ULCR[DLAB] = 1 UART1 alternate function
register
R/W
0x00
12.3.1.12/12-17
0x0_4603
ULCR—ULCR[DLAB] = x UART1 line control register
R/W
0x00
12.3.1.7/12-12
0x0_4604
UMCR—ULCR[DLAB] = x UART1 MODEM control
register
R/W
0x00
12.3.1.8/12-14
0x0_4605
ULSR—ULCR[DLAB] = x UART1 line status register
R
0x60
12.3.1.9/12-15
0x0_4606
UMSR—ULCR[DLAB] = x UART1 MODEM status
register
R0x00
12.3.1.10/12-16
0x0_4607
USCR—ULCR[DLAB] = x UART1 scratch register
R/W
0x00
12.3.1.11/12-17
0x0_4610
UDSR—ULCR[DLAB] = x UART1 DMA status
register
R0x01
12.3.1.13/12-18
Local Bus Controller Registers
0x0_5000
BR0—Base register 0
R/W
0x0000_nn011
13.3.1.1/13-11
0x0_5008
BR1—Base register 1
0x0000_0000
0x0_5010
BR2—Base register 2
0x0_5018
BR3—Base register 3
0x0_5020
BR4—Base register 4
0x0_5028
BR5—Base register 5
0x0_5030
BR6—Base register 6
0x0_5038
BR7—Base register 7
0x0_5004
OR0—Options register 0
R/W
0x0000_0FF7
13.3.1.2/13-12
0x0_500C
OR1—Options register 1
0x0000_0000
0x0_5014
OR2—Options register 2
0x0_501C
OR3—Options register 3
0x0_5024
OR4—Options register 4
0x0_502C
OR5—Options register 5
0x0_5034
OR6—Options register 6
0x0_503C
OR7—Options register 7
0x0_5068
MAR—UPM address register
R/W
0x0000_0000
13.3.1.3/13-18
0x0_5070
MAMR—UPMA mode register
R/W
0x0000_0000
13.3.1.4/13-19
0x0_5074
MBMR—UPMB mode register
R/W
0x0000_0000
13.3.1.4/13-19
0x0_5078
MCMR—UPMC mode register
R/W
0x0000_0000
13.3.1.4/13-19
0x0_5084
MRTPR—Memory refresh timer prescaler register
R/W
0x0000_0000
13.3.1.5/13-21
0x0_5088
MDR—UPM data register
R/W
0x0000_0000
13.3.1.6/13-22
0x0_5094
LSDMR—SDRAM mode register
R/W
0x0000_0000
13.3.1.7/13-22
0x0_50A0
LURT—UPM refresh timer
R/W
0x0000_0000
13.3.1.8/13-24
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com