Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
2-16
Freescale Semiconductor
Memory Map
Figure 2-8. Device-Specific Register Mapping to Configuration, Control, and Status
Memory Block
2.4
Complete CCSR Map
Table 2-9 lists the MPC8540 memory-mapped registers.
Table 2-9. Memory Map
Offset
Register
Access
Reset
Section/Page
Local-Access Registers—Configuration, Control, and Status Registers
0x0_0000
CCSRBAR—Configuration, control, and status
registers base address register
R/W
0x000F_F700
4.3.1.1.2/4-5
0x0_0008
ALTCBAR—Alternate configuration base address
register
R/W
0x0000_0000
4.3.1.2.1/4-6
0x0_0010
ALTCAR—Alternate configuration attribute register
R/W
0x0000_0000
4.3.1.2.2/4-6
0x0_0020
BPTR—Boot page translation register
R/W
0x0000_0000
4.3.1.3.1/4-8
Global Utilities
0xE 1000
Device-Specific
0xE 0000
0xE 2000
Registers
0xF FFFC
Perf. Monitor
Device-Specific
Utilities
0xF FFFF
0xE 0000
0xC 0000
0x8 0000
0x4 0000
0x0 0000
Reserved
PIC
General
Utilities
Watchpoint/Debug
RIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com