Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 1302 page
background image
Complete CCSR Map
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-17
Local-Access Registers—Local-Access Window Base and Size Registers
0x0_0C08
LAWBAR0—Local access window 0 base address
register
R/W
0x0000_0000
2.2.3.2/2-6
0x0_0C10
LAWAR0—Local access window 0 attribute register
R/W
0x0000_0000
2.2.3.3/2-6
0x0_0C28
LAWBAR1—Local access window 1 base address
register
R/W
0x0000_0000
2.2.3.2/2-6
0x0_0C30
LAWAR1—Local access window 1 attribute register
R/W
0x0000_0000
2.2.3.3/2-6
0x0_0C48
LAWBAR2—Local access window 2 base address
register
R/W
0x0000_0000
2.2.3.2/2-6
0x0_0C50
LAWAR2—Local access window 2 attribute register
R/W
0x0000_0000
2.2.3.3/2-6
0x0_0C68
LAWBAR3—Local access window 3 base address
register
R/W
0x0000_0000
2.2.3.2/2-6
0x0_0C70
LAWAR3—Local access window 3 attribute register
R/W
0x0000_0000
2.2.3.3/2-6
0x0_0C88
LAWBAR4—Local access window 4 base address
register
R/W
0x0000_0000
2.2.3.2/2-6
0x0_0C90
LAWAR4—Local access window 4 attribute register
R/W
0x0000_0000
2.2.3.3/2-6
0x0_0CA8
LAWBAR5—Local access window 5 base address
register
R/W
0x0000_0000
2.2.3.2/2-6
0x0_0CB0
LAWAR5—Local access window 5 attribute register
R/W
0x0000_0000
2.2.3.3/2-6
0x0_0CC8
LAWBAR6—Local access window 6 base address
register
R/W
0x0000_0000
2.2.3.2/2-6
0x0_0CD0
LAWAR6—Local access window 6 attribute register
R/W
0x0000_0000
2.2.3.3/2-6
0x0_0CE8
LAWBAR7—Local access window 7 base address
register
R/W
0x0000_0000
2.2.3.2/2-6
0x0_0CF0
LAWAR7—Local access window 7 attribute register
R/W
0x0000_0000
2.2.3.3/2-6
Registers
0x0_1000
EEBACR—ECM CCB address configuration register
R/W
0x0000_0003
8.2.1.1/8-3
0x0_1010
EEBPCR—ECM CCB port configuration register
R/W
0x0n00_0000
8.2.1.2/8-4
0x0_1E00
EEDR—ECM error detect register
R/W
0x0000_0000
8.2.1.3/8-5
0x0_1E08
EEER—ECM error enable register
R/W
0x0000_0000
8.2.1.4/8-6
0x0_1E0C
EEATR—ECM error attributes capture register
R
0x0000_0000
8.2.1.5/8-7
0x0_1E10
EEADR—ECM error address capture register
R
0x0000_0000
8.2.1.6/8-8
DDR Memory Controller Memory Map
0x0_2000
CS0_BNDS—Chip select 0 memory bounds
R/W
0x0000_0000
9.4.1.1/9-10
0x0_2008
CS1_BNDS—Chip select 1 memory bounds
0x0_2010
CS2_BNDS—Chip select 2 memory bounds
0x0_2018
CS3_BNDS—Chip select 3 memory bounds
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com