Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 1302 page
background image
Configuration, Control, and Status Register Map
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-13
2.3.3
General Utilities Registers
Figure 2-5 provides an overview of the general utilities registers.
Figure 2-5. General Utilities Registers Mapping to Configuration, Control, and Status
Memory Block
Figure 2-5 also shows the organization of registers inside the 4-Kbyte register space allocated to
an individual functional block. The first 3 Kbytes are available for general registers. The next 512
bytes are dedicated to address translation and mapping registers, if applicable to that particular
0x0 0000
0x0 1000
0x0 3000
General Utilities Registers Memory Block
0x0 4000
0x0 0000
Device-Specific
PIC
0xE 0000
0xF FFFF
CCSR Memory Block
0x4 0000
0x8 0000
General
0x0 2000
Utilities
0x0 7000
0xn n000
General Utility Block
0xn nF00
Debug
0xn nE00
Error Mgmt
General
Registers
Utilities
0x3 FFFF
L2 Cache
0xn nC00
TSEC 1
TSEC 2
10_100 FEC
0x0 5000
0xC 0000
Reserved
RIO
0x0 6000
ECM
I2C
Memory
Local Bus
OCeaN
DUART
Local Access
0x0 8000
0x2 0000
0x2 1000
0x2 4000
0x2 5000
0x2 6000
DMA
PCI
ATMU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com