Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1302 page
background image
Configuration, Control, and Status Register Map
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-15
2.3.5
RapidIO and CCSR
The RapidIO module uses 128 Kbytes of CCSR memory; refer to Figure 2-7. All registers are
32-bits wide and should only be accessed with 32-bit accesses. The 4-Kbyte RapidIO
implementation block has the same internal organization as those defined for the general utilities
described above.
Figure 2-7. RapidIO Mapping to Configuration, Control, and Status Memory Block
2.3.6
Device-Specific Utilities
The device-specific registers consist of power management, performance monitors, and
device-wide debug utilities (refer to Figure 2-8). These registers are accessible with 32-bit
accesses only. Transactions of other than 32-bit are considered a programming error and operation
is undefined.
Reserved bits in the following register descriptions are not guaranteed to have predictable values.
Software must preserve the values of reserved bits when writing to a register. Also, when reading
from a register, software should not rely on the value of any reserved bit remaining consistent.
0xC 0000
0xD 0000
0xD 1000
0xC 4100
0x0 0000
Device-Specific
PIC
0xE 0000
0xF FFFF
CCSR Register
Memory Block
0x4 0000
0x8 0000
General
Utilities
Utilities
0xC 0000
Reserved
RIO
RapidIO Configuration
RapidIO
RapidIO Messaging
RapidIO Impl.
RapidIO Arch.
Extended
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com