Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
2-14
Freescale Semiconductor
Memory Map
functional unit (for example, PCI). If a unit has error management registers, they are typically
placed starting at offset 0xE00 from the beginning of the block’s 4-Kbyte space, and any debug
registers are typically placed in the final 256 bytes of the unit’s register space starting at offset
0xF00.
General utilities registers are accessed as 32-bit quantities except for the DUART and I2C
registers, which are accessed as bytes.
NOTE
Refer to detailed register descriptions for each functional unit for
exact locations, sizes, and access requirements. Some blocks may
have exceptions to the above guidelines.
2.3.4
Interrupt Controller and CCSR
The programmable interrupt controller (PIC) registers are at offset 0x4_0000 from CCSRBAR,
see Figure 2-6. Its programming model follows the OpenPIC architecture. The interrupt controller
registers should only be accessed with 32-bit accesses.
Figure 2-6. PIC Mapping to Configuration, Control, and Status Memory Block
0x4 0000
Processor
Global Cfg
Timers
External IRQs
0x4 1100
0x5 1020
0x7 FFFF
PIC Registers
0x6 0000
0x5 0000
Internal IRQs
0x4 1000
0x4 1200
0x0 0000
Device-Specific
PIC
0xE 0000
0xF FFFF
CCSR Register Memory Block
0x4 0000
0x8 0000
General
Utilities
Utilities
0xC 0000
RIO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com