Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 1302 page
background image
Configuration, Control, and Status Register Map
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-11
2.3.1
Accessing CCSR Memory from External Masters
In addition to being accessible by the e500 processor, the configuration, control, and status
registers are accessible from external interfaces. This allows external masters on the I/O ports to
configure the MPC8540.
External masters do not need to know the location of the CCSR memory in the local address map.
Rather, they access this region of the local memory map through a window defined by a register
in the interface’s programming model that is accessible to the external master from its external
memory map.
The PCI base address for accessing the local CCSR memory is selectable through the PCI
configuration and status register base address register (PCSRBAR), at offset 0x10, described in
Section 16.3.2.11, “PCI Base Address Registers.” An external PCI master sets this register by
running a PCI configuration cycle to the MPC8540. Subsequent memory accesses by a PCI master
to the PCI address range indicated by PCSRBAR are translated to the local address indicated by
the current setting of CCSRBAR.
The RapidIO base address for accessing the local CCSR memory is selectable through the
RapidIO LCSBA1CSR, defined in the RapidIO programming model, see Section 17.3.1.12,
“Local Configuration Space Base Address 1 Command and Status Register (LCSBA1CSR).” An
external RapidIO master can set the value of LCSBA1CSR with a maintenance packet. Then
subsequent read and write packets whose RapidIO addresses match the window defined by
LCSBA1CSR are translated to the local address range indicated by CCSRBAR.
2.3.2
Organization of CCSR Memory
The configuration, control, and status registers of the MPC8540 are grouped according to
functional units. Most functional blocks are allocated for a 4-Kbyte address space for registers.
Registers that fall into this category are referred to as general utilities registers. These registers
occupy the first 256 Kbytes of CCSR memory.
Registers that control functions that are not particular to a functional unit but to the device as a
whole occupy the highest 256 Kbytes of CCSR memory. These are referred to as device-specific
registers.
Some functional units, such as RapidIO and the OpenPIC-based interrupt controller have larger
address spaces as defined by their programming models. The registers for these blocks are given
their own large regions of CCSR memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com