Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 1302 page
background image
Address Translation and Mapping
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-7
2.2.3.4
Precedence of Local Access Windows
If two local access windows overlap, the lower numbered window takes precedence. For instance,
if two windows are setup as shown in Table 2-7, local access window 1 governs the mapping of
the 1-Mbyte region from 0x7FF0_0000 to 0x7FFF_FFF, even though the window described in
local access window 2 also encompasses that memory region.
2.2.3.5
Configuring Local Access Windows
Once a local access window is enabled, it should not be modified while any device in the system
may be using the window. Neither should a new window be used until the effect of the write to the
window is visible to all blocks that use the window. This can be guaranteed by completing a read
of the last local access window configuration register before enabling any other devices to use the
window. For instance, if local access windows 0–3 are being configured in order during the
initialization process, the last write (to LAWAR3) should be followed by a read of LAWAR3
8–11
TRGT_IF Identifies the target interface ID when a transaction hits in the address range defined by this
window. Note that configuration registers and SRAM regions are mapped by the windows defined
by CCSRBAR and L2SRBAR. These mappings supersede local access window mappings, so
configuration registers and SRAM do not appear as a target for local access windows.
0000 PCI/PCI-X
0001–0011Reserved
0100 Local bus memory controller
0101–1011Reserved
1100 RapidIO
1101–1110Reserved
1111 DDR SDRAM
12–25
—
Write reserved, read = 0
26–31
SIZE
Identifies the size of the window from the starting address. Window size is 2(SIZE+1) bytes.
000000–001010Reserved
001011 4 Kbytes
001100 8 Kbytes
00110116 Kbytes
. . . . . . . 2(SIZE+1) bytes
011110 2 Gbytes
011111–111111 Reserved
Table 2-7. Overlapping Local Access Windows
Window
Base Address
Size
Target Interface
1
0x7FF0_0000
1 Mbyte
0b0100 (Local bus controller —LBC)
2
0x0000_0000
2 Gbytes
0b1111 (DDR SDRAM)
Table 2-6. LAWARn Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com