Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
2-6
Freescale Semiconductor
Memory Map
2.2.3.2
Local Access Window n Base Address Registers
(LAWBAR0–LAWBAR7)
Figure 2-2 shows the bit fields of the LAWBARn registers.
Figure 2-2. Local Access Window n Base Address Registers (LAWBAR0–LAWBAR7)
Table 2-5 describes LAWBARn field descriptions.
2.2.3.3
Local Access Window n Attributes Registers
(LAWAR0–LAWAR7)
Figure 2-3 shows the bit fields of the LAWARn registers.
Figure 2-3. Local Access Window n Attributes Registers (LAWAR0–LAWAR7)
Table 2-6 describes LAWARn field descriptions.
011 12
31
R 0
0
0
000
00
0
0
0
0
BASE_ADDR
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xC08, 0xC28, 0xC48, 0xC68, 0xC88, 0xCA8, 0xCC8, 0xCE8
Table 2-5. LAWBARn Field Descriptions
Bits
Name
Description
0–11
—
Write reserved, read = 0
12–31 BASE_ADDR Identifies the 20 most-significant address bits of the base of local access window n. The
specified base address should be aligned to the window size, as defined by LAWARn[SIZE].
0
1
7
8
11 12
25 26
31
R E
N
0
0
00000
TRGT_IF
0
000
0000000000
SIZE
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xC10, 0xC30, 0xC50, 0xC70, 0xC90, 0xCB0, 0xCD0, 0xCF0
Table 2-6. LAWARn Field Descriptions
Bits
Name
Description
0
EN
0 The local access window n (and all other LAWARn and LAWBARn fields) are disabled.
1 The local access window n is enabled and other LAWARn and LAWBARn fields combine to
identify an address range for this window.
1–7
—
Write reserved, read = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com