Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
2-8
Freescale Semiconductor
Memory Map
before any devices try to use any of these windows. If the configuration is being done by the local
e500 processor, the read of LAWAR3 should be followed by an isync instruction.
2.2.3.6
Distinguishing Local Access Windows from Other Mapping
Functions
It is important to distinguish between the mapping function performed by the local access
windows and the additional mapping functions that happen at the target interface. The local access
windows define how a transaction is routed through the MPC8540 internal interconnects from the
transactions source to its target. After the transaction has arrived at its target interface, that
interface controller may perform additional mapping. For instance, the DDR SDRAM controller
has chip select registers that map a memory request to a particular external device. Similarly, the
local bus controller has base registers that perform a similar function. The RapidIO and PCI
interfaces have outbound address translation and mapping units that map the local address into an
external address space.
These other mapping functions are configured by programming the configuration, control, and
status registers of the individual interfaces. Note that there is no need to have a one-to-one
correspondence between local access windows and chip select regions or outbound ATMU
windows. A single local access window can be further decoded to any number of chip selects or
to any number or outbound ATMU windows at the target interface.
2.2.3.7
Illegal Interaction Between Local Access Windows and DDR
SDRAM Chip Selects
If a local access window maps an address to an interface other than the DDR SDRAM controller,
then there should not be a valid chip select configured for the same address in the DDR SDRAM
controller. Because DDR SDRAM chip selects boundaries are defined by a beginning and ending
address, it is easy to define them so that they do not overlap with local access windows that map
to other interfaces.
2.2.4
Outbound Address Translation and Mapping Windows
Outbound address translation and mapping refers to the translation of addresses from the local
32-bit address space to the external address space and attributes of a particular I/O interface. On
the MPC8540, both the RapidIO and the PCI/PCI-X blocks have outbound address translation and
mapping units (ATMUs).
The RapidIO controller has eight outbound ATMU windows plus a default window. If a
transaction’s address does not hit any of the eight outbound ATMU windows, the translation
actions defined by the default window are used. The default window is always enabled. See
Section 17.3.2.2, “ATMU Registers,” for a detailed description of the RapidIO outbound ATMU
windows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com