Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
2-4
Freescale Semiconductor
Memory Map
window, if address translation is being performed, the new translated address is created by
concatenating the window offset to the translation address. Again, the windows size attribute
dictates how many bits are translated.
2.2.1
SRAM Windows
The on-chip memory array of the MPC8540 can be configured as a memory-mapped SRAM of
128 or 256 Kbytes. Configuration registers in the L2 cache controller set the base addresses and
sizes for these windows. When enabled, these windows supersede all other mappings of these
addresses for processor and global (snoopable) I/O transactions. Therefore, SRAM windows must
never overlap configuration space as defined by CCSRBAR. It is possible to have SRAM
windows overlap local access windows, but this is discouraged because processor and snoopable
I/O transactions would map to the SRAM while non-snooped I/O transactions would be mapped
by the local access windows. Only if all accesses to the SRAM address range are snoopable can
results be consistent if the SRAM window overlaps a local access window.
See Section 7.3.1.4, “L2 Memory-Mapped SRAM Base Address Registers 0–1 (L2SRBARn),”
for information about configuring SRAM windows.
2.2.2
Window into Configuration Space
CCSRBAR defines a window used to access all memory-mapped configuration, control, and
status registers. No address translation is done, so there are no associated translation address
registers. The window is always enabled with a fixed size of 1 Mbyte; no other attributes are
attached, so there is no associated size/attribute register. This window always takes precedence
over all local access windows. See Section 4.3.1.1.2, “Configuration, Control, and Status Base
Address Register (CCSRBAR),” and Section 2.3, “Configuration, Control, and Status Register
Map.”
2.2.3
Local Access Windows
As demonstrated in the address map overview in Section 2.1, “Local Memory Map Overview and
Example,” local access windows associate a range of the local 32-bit address space with a
particular target interface. This allows the internal interconnections of the MPC8540 to route a
transaction from its source to the proper target. No address translation is performed. The base
address defines the high order address bits that give the location of the window in the local address
space. The window attributes enable the window, define its size, and specify the target interface.
With the exception of configuration space (mapped by CCSRBAR), on-chip SRAM regions
(mapped by L2SRBAR registers), and default boot ROM, all addresses used by the system must
be mapped by a local access window. This includes addresses that are mapped by inbound ATMU
windows; target mappings of inbound ATMU windows and local access windows must be
consistent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com