Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-1
Chapter 2
Memory Map
This chapter describes the MPC8540 memory map. An overview of the local address map is
followed by a description of how local access windows are used to define the local address map.
The inbound and outbound address translation mechanisms used to map to and from external
memory spaces are described next. Finally, the configuration, control, and status registers are
described, including a complete listing of all memory-mapped registers with cross references to
the sections detailing descriptions of each.
2.1
Local Memory Map Overview and Example
The MPC8540 provides an extremely flexible local memory map. The local memory map refers
to the 32-bit address space seen by the processor as it accesses memory and I/O space. DMA
engines also see this same local memory map. All memory accessed by the MPC8540 DDR
SDRAM and local bus memory controllers exists in this memory map, as do all memory-mapped
configuration, control, and status registers.
The local memory map is defined by a set of eight local access windows. Each of these windows
map a region of memory to a particular target interface, such as the DDR SDRAM controller or
the PCI controller. Note that the local access windows do not perform any address translation. The
size of each window can be configured from 4 Kbytes to 2 Gbytes. The target interface is specified
using the codes shown in Table 2-1.
.
Table 2-1. Target Interface Codes
Target Interface
Target Code
PCI/PCI-X
0000
Local bus
0100
RapidIO
1100
DDR SDRAM
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com