Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 1302 page
background image
MPC8540 Application Examples
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
1-21
address are based on the programmed destination of the transaction. The following is a general
overview of how the ATMUs process transactions over the on-chip fabric. (Refer to Figure 1-2.)
1. When a transaction on one of the fabric ports begins, the ATMU on the origination port
translates the programmed destination address into both a destination fabric port ID and a
local device address.
2. The data is then processed across the on-chip fabric from the origination port to the
destination port.
3. If the destination port connects off-chip (for example, to a PCI or RapidIO device), the
local device address is translated by the destination port ATMU to an outbound address
with respect to the destination port’s memory map, and the data is processed accordingly.
Figure 1-2. Processing Transactions Across the On-Chip Fabric
1.3.20 Data Processing with the e500 Coherency Module
Processing through the ECM is similar to processing across the on-chip fabric (in the sense of how
data is received and transmitted) with the exception that the transaction passes through the ECM.
The purpose of the ECM is to provide a means for any I/O transaction to maintain coherency with
the cacheable DDR SDRAM and the local bus memory. However, simply using the ECM does not
make transactions across it coherent. The e500 and L2 cache are snooped to maintain coherency
only if the transaction across the ECM is designated as global (GBL bit set). Otherwise, the
transaction passes through the ECM using the ECM as a simple conduit to get to its destination.
In essence, only global transactions across the ECM are coherent transactions; all other
transactions (across the on-chip fabric) are non-coherent.
1.4
MPC8540 Application Examples
The following section provides block diagrams of different MPC8540 applications. The MPC8540
is a very flexible device and can be configured to meet many system application needs. In order to
build a system, many factors should be considered.
1.4.1
MPC8540 Applications
The MPC8540 can be used for control processing in applications such as routers, switches,
network memory, internet access devices, storage systems, and image display systems (IADs).
Figure 1-3 shows an MPC8540 as a control plane processor in a high-performance communication
system using symmetric multiprocessing (SMP).
1
2
3
ATMU
ATMU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com