Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
1-20
Freescale Semiconductor
Overview
1.3.16 Clocking
The MPC8540 takes in the PCI_CLK/SYSCLK signal as an input to the device PLL and multiplies
it by an integer from 1 to 16 to generate the core complex bus clock (the platform clock), which
operates at the same frequency as the DDR DRAM data rate (for example, 266 or 333 MHz). The
L2 cache also operates at this frequency. The e500 core uses the CCB clock as an input to its PLL,
which multiplies it again by 2, 2.5, 3, or 3.5 to generate the core clock.
DLLs are used in the DDR SDRAM controller and the local bus memory controller (LBC) to
generate memory clocks. Six differential clock pairs are generated for DDR SDRAMs. Two clock
outputs are generated for the LBC.
The RapidIO transmit clock may be sourced from one of three locations: the platform clock, the
RapidIO receive clock, or a special differential clock input. This input is designed to receive inputs
from an external clock synthesis device driving a clock with a frequency of up to 500 MHz.
1.3.17 Address Map
The MPC8540 supports a flexible physical address map. Conceptually, the address map consists
of local space and external address space. The local address map is 4 Gbytes. The MPC8540 can
be made part of a larger system address space through the mapping of translation windows. This
functionality is included in the address translation and mapping units (ATMUs). Both inbound and
outbound translation windows are provided. The ATMUs allows the MPC8540 to be part of larger
address maps such as the PCI 64-bit address environment and the RapidIO environment.
1.3.18 OCeaN Switch Fabric
In order to reduce the strain on the core interconnects with the addition of new functional blocks
in this generation of the PowerQUICC family, an on-chip non-blocking crossbar switch fabric
called OCeaN (on-chip network) has been integrated to decrease contention, decrease latency, and
increase bandwidth. This revolutionary non-blocking crossbar fabric allows for full-duplex port
connections at 128 Gbps concurrent throughput and independent per-port transaction queuing and
flow control.
1.3.19 Processing Across the On-Chip Fabric
When processing across the on-chip fabric, the ATMUs at each fabric port are used to determine
the flow of data across the MPC8540. The ATMUs at each fabric port are responsible for
generating a fabric port destination ID as well as a new local device address. The port ID and local



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com