Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 1302 page
background image
MPC8540 Architecture Overview
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
1-19
packet-switched system-level interconnect that can be used in a variety of applications as an open
standard. The RapidIO architecture provides a rich variety of features including high data
bandwidth, low-latency capability, and support for high-performance I/O devices, as well as
providing message-passing and software-managed programming models.
The RapidIO unit on the MPC8540 supports the I/O and message-passing logical specifications,
the common transport specification, and the 8/16 LP-LVDS physical layer specification of the
RapidIO Interconnect Specification. It does not support the globally shared memory logical
specification.
Highlights of the implementation include: support for four priority levels and ordering within a
priority level, CRC error management, 32- to 256-byte transactions and 8-bit data width ports.
The physical layer of the RapidIO unit can operate at up to 500 MHz. Because the interface is
defined as a source-synchronous, double-data-rate, LVDS-signaling interconnect, the theoretical
unidirectional peak bandwidth is 8 Gbps. Receive and transmit ports operate independently,
resulting in an aggregate theoretical bandwidth of 16 Gbps.
1.3.14.1 RapidIO Message Unit
The MPC8540’s RapidIO messaging supports one inbox/outbox structure for data and one
doorbell structure for messages. Both chaining and direct modes are provided for the outbox, and
messages can hold up to 16 packets of 256 bytes, or a total of 4 Kbytes.
1.3.15 Power Management
In addition to low-voltage operation and dynamic power management in its execution units, the
MPC8540 supports four power consumption modes: full-on, doze, nap, and sleep. The three
low-power modes: doze, nap, and sleep, can be entered under software control in the e500 core or
by external masters accessing a configuration register.
Doze mode suspends execution of instructions in the e500 core. The core is left in a standby mode
in which cache snooping and time base interrupts are still enabled. Device logic external to the
processor core is fully functional in this mode.
Nap mode shuts down clocks to all the e500 functional units except the time base, which can be
disabled separately. No snooping is performed in nap mode, but the device logic external to the
processor core is fully functional.
Sleep mode shuts down not only the e500 core, but all of the MPC8540 I/O interfaces as well. Only
the interrupt controller and power management logic remain enabled so that the device can be
awakened.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com