Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
1-16
Freescale Semiconductor
Overview
The I
2C controller is a true multiple-master bus; it includes collision detection and arbitration that
prevents data corruption if two or more masters attempt to control the bus simultaneously. This
feature allows for complex applications with multiprocessor control. The I
2C controller consists
of a transmitter/receiver unit, a clocking unit, and a control unit. The I
2C unit supports general
broadcast mode, and on-chip filtering rejects spikes on the bus.
1.3.7
Boot Sequencer
The MPC8540 provides a boot sequencer that uses the I
2C interface to access an external serial
ROM and loads the data into the MPC8540’s configuration registers. The boot sequencer is
enabled by a configuration pin sampled at the negation of the MPC8540 hardware reset signal. If
enabled, the boot sequencer holds the MPC8540 processor core in reset until the boot sequence is
complete. If the boot sequencer is not enabled, the processor core exits reset and fetches boot code
in default configurations.
1.3.8
Dual Universal Asynchronous Receiver/Transmitter
(DUART)
The MPC8540 includes a DUART intended for use in maintenance, bringing-up, and debugging
of systems. The MPC8540 provides a standard four-wire handshake (SIN, SOUT, RTS, CTS) for
each port. The DUART is a slave interface. An interrupt is provided to the interrupt controller or
optionally steered externally to allow device handshakes. Interrupts are generated for transmit,
receive, line status, and MODEM status.
The MPC8540 DUART supports full-duplex operation. It is compatible with the PC16450 and
PC16550 programming models. Also, 16-byte FIFOs are supported for both the transmitter and
the receiver.
Software programmable baud generators divide the system clock to generate a 16x clock. Serial
interface data formats (data length, parity, 1/1.5/2 STOP bit, baud rate) are also software
selectable.
1.3.9
10/100 Fast Ethernet Controller
The MPC8540 provides a 10/100 fast Ethernet controller operating at 10 to 100 Mbps as a device
debug and maintenance port. The gigabit three-speed Ethernet controllers (TSECs) are separate
from this 10/100 fast Ethernet controller and are defined and described in Chapter 14,
“Three-Speed Ethernet Controllers.”
The 10/100 Ethernet standard supports the IEEE 802.3 Ethernet frame format, backward
compatibility for installed media, and the use of full- or half-duplex CSMA/CD. The Ethernet
protocol implements the bottom two layers of the open systems interconnection (OSI) 7-layer
model, that is, the data-link and physical sublayers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com