Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 1302 page
background image
MPC8540 Architecture Overview
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
1-13
The on-chip memory unit contains:
•
256 Kbytes of on-chip memory
— L2 cache partitioning is configurable
– Can act as a 256-Kbyte L2 cache
–256-Kbyte array organized as 1024 8-way sets of 32-byte cache lines
– Array can be partitioned into 128-Kbyte L2 cache and 128-Kbyte memory mapped
SRAM
– Can act as two 128-Kbyte memory-mapped SRAM arrays or a 256-Kbyte SRAM
region
— SRAM operation is byte-accessible
— Data ECC on 64-bit boundaries (single-error correction, double-error detection)
— Tag parity (1 bit covering all tag bits)
— Cache mode supports instruction caching, data caching, or both
— External masters can force data to be allocated into the cache through programmed
memory ranges or special transaction types
— Separate locking for instructions and data so that locks can be set and cleared separately
— Supports locking the entire cache or selected lines
– Individual line locks are set and cleared through core-initiated instructions, by
external reads or writes, or by accesses to programmed memory ranges
— Flash clearing done through writes to L2 configuration registers
— Locks for the entire cache may be set and cleared by accesses to memory-mapped
control registers
1.3.2.1
On-Chip Memory as Memory-Mapped SRAM
When the on-chip memory is configured as an SRAM, the 256 Kbytes of memory can be
configured to reside at any aligned location in the memory map. It is byte-accessible and fully
ECC-protected, using read-modify-write transactions for sub-cacheline transactions. I/O devices
can access the SRAM by marking transactions global so that they are directed to the CCB.
1.3.2.2
On-Chip Memory as L2 Cache
The MPC8540 on-chip memory arrays include a 256-Kbyte data array, an address tag array, and a
status array.
The data array is organized as 1024 sets of 8 cache lines. Each cache line size is 32 bytes. The
replacement policy in each eight-way set is governed by a pseudo-LRU algorithm. The data is
protected with ECC, and the tag array is protected by parity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com