Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 1302 page
background image
MPC8540 Architecture Overview
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
1-11
•
Cache coherency
— Bus support for hardware-enforced coherency (bus snooping)
•
Core complex bus (CCB)
— High-speed, on-chip local bus with data tagging
— 32-bit address bus
— 60x-like address protocol with address pipelining and retry/copyback
— Two general-purpose read data, one write data bus
— 128-bit data plus parity/tags (each data bus)
— Supports out-of-order reads, in-order writes
— Little to no data bus arbitration logic required for native systems
— Easily adaptable to 60x-like environments
— Supports one-level pipelining of addresses with address-retry responses
•
Extended exception handling
— Supports Book E interrupt model
– Interrupt vector prefix register (IVPR)
– Vector offset registers (IVORs) 0–15 as defined in Book E, plus e500-defined IVORs
32–35
– Exception syndrome register (ESR)
– Book E–defined preempting critical interrupt, including critical interrupt status
registers (CSRR0 and CSRR1) and an rfci instruction
— e500-specific interrupts not defined in Book E architecture
– SPE APU unavailable exception
– Floating-point data exception
– Floating-point round exception
– Performance monitor
•
Memory management unit (MMU)
— Data L1 MMU
– Four-entry, fully-associative TLB array for variable-sized pages
– 64-entry, four-way set-associative TLB for 4-Kbyte pages
— Instruction L1 MMU
– Four-entry, fully-associative TLB array for variable-sized pages
– 64-entry, four-way set-associative TLB for 4-Kbyte pages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com