Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
1-8
Freescale Semiconductor
Overview
•
System access port
— Uses JTAG interface and a TAP controller to access entire system memory map
— Supports 32-bit accesses to configuration registers
— Supports cache-line burst accesses to main memory
— Supports large block (4-Kbyte) uploads and downloads
— Supports continuous bit streaming of entire block for fast upload and download
•
IEEE 1149.1-compliant, JTAG boundary scan
•
783 FC-PBGA package
1.3
MPC8540 Architecture Overview
The following sections describe the major functional units of the MPC8540.
1.3.1
e500 Core Overview
The MPC8540 uses the e500 microprocessor core complex. The e500 core has an internal PLL
that allows independent optimization of the operating frequencies. The core frequencies are
derived from either the primary PCI clock input or an external oscillator. For information
regarding the e500 core refer to the following documents:
•
EREF: A Reference for Freescale Semiconductor Book E and the e500 Core
•
PowerPC e500 Core Complex Reference Manual
•
PowerPC e500 Application Binary Interface User's Guide
NOTE
The e500 defines features that are not implemented on the MPC8540.
It also generally defines some features that the MPC8540 implements
more specifically. An understanding of these differences can be
critical to ensure proper operation. These differences are summarized
in Section 5.14, “MPC8540 Implementation Details,” in the
MPC8540 Integrated Processor Reference Manual.
The following is a brief list of some of the key features of the e500 core complex:
•
Implements full Book E 32-bit architecture
•
Implements additional instructions, registers, and interrupts defined by APUs. The SPE
provides an extensive instruction set for 64-bit vector integer, single-precision
floating-point, and fractional operations. The SPFP APU provides scalar (32-bit)
single-precision, floating-point instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com