Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 1302 page
background image
MPC8540 Architecture Overview
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
1-9
NOTE
The SPE APU and SPFP APU functionality will be implemented in
the MPC8540, the MPC8560 and in their derivatives (that is, in all
PowerQUICC III devices). However, these instructions will not be
supported in devices subsequent to PowerQUICC III. Freescale
Semiconductor strongly recommends that use of these instructions be
confined to libraries and device drivers. Customer software that uses
SPE or SPFP APU instructions at the assembly level or that uses SPE
intrinsics will require rewriting for upward compatibility with
next-generation PowerQUICC devices.
Freescale Semiconductor offers a libmoto_e500 library that uses SPE
and SPFP APU instructions. Freescale will also provide future
libraries to support next generation PowerQUICC devices.
•
L1 cache structure
— 32-Kbyte, 32-byte line, eight-way set-associative instruction cache
— 32-Kbyte, 32-byte line, eight-way set-associative data cache
— 1.5-cycle cache array access, 3-cycle load-to-use latency
— Pseudo-LRU replacement algorithm
— Copy-back data cache
•
Dual-dispatch superscalar
•
Precise exception handling
•
Seven-stage pipeline control
•
Instruction unit
— Twelve-entry instruction queue
— Full hardware detection of interlocks
— Dispatch up to two instructions per cycle
— Dispatch serialization control
— Register dependency resolution and renaming
•
Branch unit (BU)
— Dynamic branch prediction
— Two-entry branch instruction queue (BIQ)
— Executes all branch and CR logical instruction
•
Completion unit
— As many as 14 instructions allowed in 14-entry completion queue
— In-order retirement of up to two instructions per cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com