Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
1-12
Freescale Semiconductor
Overview
— Unified L2 MMU
– 16-entry, fully-associative TLB array for variable-sized pages
– 256-entry, two-way set-associative TLB for 4-Kbyte pages
— Software reload for TLBs
— Virtual memory support for as much as 4 Gbytes (2
32) of virtual memory
— Real memory support for as much as 4 Gbytes (2
32) of physical memory
— Support for big-endian and true little-endian memory on a per-page basis
•
Power management
— Low power, 1.2-V design
— Dynamic power management on the core minimizes power consumption of functional
units, such as execution units, caches, and MMUs, when they are idle.
— Core power-saving modes: core-halted and core-stopped
— NAP, DOZE, and SLEEP bits in HID0 that can be used to assert nap, doze, and sleep
core output signals to initiate power-saving modes at the integrated-device level
— Internal clock multipliers of 2x, 2.5x, and 3x from bus clock
•
Testability
— LSSD scan design
— JTAG interface
— ESP support
— ABIST for arrays
—LBIST
•
Reliability and serviceability
— Internal code parity
— Parity checking on e500 local bus
1.3.2
On-Chip Memory Unit
The MPC8540 contains an internal 256-Kbyte memory array that can be configured as
memory-mapped SRAM or as a look-aside L2 cache. The array can also be divided into two
128-Kbyte arrays, one of which may be used as cache and the other as SRAM.
The memory controller for this array connects to the core complex bus (CCB) and communicates
through 128-bit read and write buses to the e500 core and the MPC8540 system logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com