Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
1-14
Freescale Semiconductor
Overview
The L2 cache tags are non-blocking for efficient load/store and snooping operations. The L2 cache
can be accessed internally while a load miss is pending (allowing hits under misses). Subsequent
to a load miss updating the memory, loads or stores can occur to that line on the very next cycle.
The L2 status array maintains status bits for each line to determine the status of the line. Different
combinations of these bits result in different L2 states. Note that because the cache is always
write-through, there is no modified state. The status bits include the following:
•
V—Valid
•
IL—Instruction locked
•
DL—Data locked
All accesses to the L2 memory are fully pipelined so back-to-back loads and stores can have
single-cycle throughput.
The cache can be configured to allocate instructions-only, data-only, or both. It can also be
configured to allocate global I/O writes that correspond to a programmable address window or that
use a special transaction type (stashing). In this way, DMA engines or I/O devices can force data
into the cache.
Line locks can be set in a variety of ways. The Book E architecture defines instructions that
explicitly set and clear locks in the L2. These instructions are supported by the core complex and
the L2 controller. In addition, the L2 controller can be configured to lock all lines that fall into
either of two specified address ranges when the line is allocated. Finally, the entire cache can be
locked by writing to a configuration register in the L2 cache controller.
The status array tracks line locks as either instruction locks or data locks for each line, and the
status array supports flash clearing of all instruction locks or data locks separately by writes to
configuration registers in the L2 controller.
1.3.3
e500 Coherency Module (ECM)
The e500 coherency module (ECM) provides a mechanism for I/O-initiated transactions to snoop
the bus between the e500 core and the integrated L2 cache in order to maintain coherency across
local cacheable memory. It also provides a flexible switch-type structure for core and I/O-initiated
transactions to be routed or dispatched to target modules on the device.
1.3.4
DDR SDRAM Controller
The MPC8540 supports DDR-I SDRAM that operates at up to 166 MHz (333-MHz data rate). The
memory interface controls main memory accesses and provides for a maximum of 3.5 Gbytes of
main memory. The memory controller can be configured to support the various memory sizes
through software initialization of on-chip configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com