Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 1302 page
background image
MPC8540 Architecture Overview
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
1-17
1.3.10 Local Bus Controller (LBC)
The MPC8540 local bus controller (LBC) port allows connections with a wide variety of external
memories, DSPs, and ASICs. Three separate state machines share the same external pins and can
be programmed separately to access different types of devices. The general-purpose chip select
machine (GPCM) controls accesses to asynchronous devices using a simple handshake protocol.
The user programmable machine (UPM) can be programmed to interface to synchronous devices
or custom ASIC interfaces. The SDRAM controller provides access to standard SDRAM. Each
chip select can be configured so that the associated chip interface can be controlled by the GPCM,
UPM, or SDRAM controller. All may exist in the same system.
The GPCM provides a flexible asynchronous interface to SRAM, EPROM, FEPROM, ROM, and
other devices such as asynchronous DSP host interfaces and CAMs. Minimal glue logic is
required. Handshake signals can be configured to transition on fractions of the system clock. The
GPCM does not support bursting.
The UPM allows an extremely flexible interface in which the programmer configures each of a set
of general-purpose protocol signals by writing the transition pattern into a memory array. The
UPM supports synchronous and bursting interfaces. It also supports multiplexed addressing so that
a simple DRAM interface can be implemented. The UPM is entirely flexible in order to provide a
very high degree of customization with respect to both asynchronous and burst-synchronous
interfaces, which permits glueless or almost glueless connection to burst SRAM, custom ASIC,
and synchronous DSP interfaces.
The LBC provides a synchronous DRAM (SDRAM) machine that supplies the control functions
and signals for glueless connection to JEDEC-compliant SDRAM devices. An internal DLL
(delay-locked loop) for bus clock generation ensures improved data setup margins for board
designs. The SDRAM machine can optimize burst transfers and exploits interleaving to maximize
data transfer bandwidth and minimize access latency. Programmable row and column address
multiplexing allows a variety of SDRAM configurations and sizes to be supported without
hardware changes.
1.3.11 Three-Speed Ethernet Controllers (10/100/1Gb)
The MPC8540 has two on-chip three-speed Ethernet controllers (TSECs). The TSECs incorporate
a media access control sublayer (MAC) that supports 10- and 100-Mbps, and 1-Gbps
Ethernet/802.3 networks with MII, GMII, RGMII, RTBI, and TBI physical interfaces. The TSECs
include 2-Kbyte receive and transmit FIFOs, and DMA functions.
The buffer descriptors are based on the MPC8260 and MPC860T 10/100 programming models.
The MPC8540 TSECs support programmable CRC generation and checking, RMON statistics,
and jumbo frames of up to 9.6 Kbytes. Frame headers and buffer descriptors can be forced into the
L2 cache to speed classification or other frame processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com