Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 1302 page
background image
MPC8540 Architecture Overview
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
1-15
The MPC8540 supports a variety of SDRAM configurations. SDRAM banks can be built using
DIMMs or directly-attached memory devices. Fifteen multiplexed address signals provide for
device densities of 64 Mbits, 128 Mbits, 256 Mbits, and 512 Mbits, and 1 Gbit. Four chip select
signals support up to four banks of memory. The MPC8540 supports bank sizes from 64 Mbytes
to 1 Gbyte. Nine column address strobes (MDM[0:8]) are used to provide byte selection for
memory bank writes.
The MPC8540 can be configured to retain the currently active SDRAM page for pipelined burst
accesses. Page mode support of up to 16 simultaneously open pages can dramatically reduce
access latencies for page hits. Depending on the memory system design and timing parameters,
using page mode can save 3 to 4 clock cycles from subsequent burst accesses that hit in an active
page.
The MPC8540 supports ECC for system memory. Using ECC, the MPC8540 detects and corrects
all single-bit errors and detects all double-bit errors and all errors within a nibble.
The MPC8540 can invoke a level of system power management by asserting the MCKE SDRAM
signal on-the-fly to put the memory into a low-power sleep mode.
1.3.5
Programmable Interrupt Controller (PIC)
The programmable interrupt controller (PIC) implements the necessary functions to provide a
flexible solution for a general-purpose interrupt control. The interrupt controller unit implements
the logic and programming structures of the OpenPIC architecture. The MPC8540 interrupt
controller unit supports its processor core and provides for 12 external interrupts (with fully nested
interrupt delivery), 4 message interrupts, internal-logic driven interrupts, and 4 global high
resolution timers. Up to 16 programmable interrupt priority levels are supported.
The interrupt controller unit can be bypassed to allow use of an external interrupt controller.
Inter-processor interrupt (IPI) communication is supported through the external interrupt and core
reset signals of different processor cores on the same device. The four IPIs are only used for
self-interrupt in a single-core device such as the MPC8540.
1.3.6
I2C Controller
The inter-IC (IIC or I
2C) bus is a two-wire, bidirectional serial bus that provides a simple and
efficient method of data exchange between devices. The synchronous, multiple-master bus of the
I
2C allows the MPC8540 to exchange data with other I2C devices, such as microcontrollers,
EEPROMs, real-time clock devices, A/D converters, and LCDs. The two-wire bus (serial data
SDA and serial clock SCL) minimizes the interconnections between devices. The synchronous,
multiple-master bus of the I
2C allows the connection of additional devices to the bus for expansion
and system development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com