Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 1302 page
background image
MPC8540 Application Examples
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
1-23
Figure 1-5 shows the MPC8540 in a redundant array of independent disks (RAID) controller
application.
Figure 1-5. RAID Controller Application Using MPC8540
Figure 1-6 illustrates the MPC8540 in a virtual private network (VPN) access that is enabled
through RapidIO and Ethernet.
Figure 1-6. VPN Access Point Enabled by RapidIO and Ethernet
MPC8540
Processor
Core
Complex
256K L2
Memory
Block
RapidIO
PCI
2x GEnet
Memory
Control
DDR
Memory
RapidIO Switch
ASIC
XOR
DMA
DDR
Memory
PCI-X to System
Descriptor
Memory
Disk Cache
Flash
SCSI
Control
MPC8540
Processor
Core
Complex
256K L2
Memory
Block
RapidIO
PCI
2x GEnet
Memory
Control
DDR
Memory
ASIC
XOR
DMA
DDR
Memory
PCI-X to System
Descriptor
Memory
Disk Cache
Flash
SCSI
Control
PCI-X
10/100/1G
Ethernet
Data In
Data Out
Data Out
Data In
DDR
Memory
Security
190
64-Bit
66 MHz PCI
MPC8540
Processor
Core
Complex
256K L2
Memory
Block
RapidIO
PCI
2x GEnet
Memory
Control
64-Bit PCI
Interface
RapidIO
High
Bandwidth
Aggregators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com