Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 1302 page
background image
Address Translation and Mapping
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-3
(CCSRBAR).” However, note that the e500 core only provides one default TLB entry to access
boot code and it allows for accesses within the highest 4 Kbytes of memory. In order to access the
full 8 Mbytes of default boot space (and the 1 Mbyte of CCSR space), additional TLB entries must
be set up within the e500 core for mapping these regions.
2.2
Address Translation and Mapping
Four distinct types of translation and mapping operations are performed on transactions in the
MPC8540. These are as follows:
•
Mapping a local address to a target interface
•
Assigning attributes to transactions
•
Translating the local 32-bit address to an external address space
•
Translating external addresses to the local 32-bit address space
The local access windows perform target mapping for transactions within the local address space.
No address translation is performed by the local access windows.
Outbound ATMU windows perform the mapping from the local 32-bit address space to the address
spaces of RapidIO or PCI/PCI-X, which may be much larger than the local space. Outbound
ATMU windows also map attributes such as transaction type or priority level.
Inbound ATMU windows perform the address translation from the external address space to the
local address space, attach attributes and transaction types to the transaction, and also map the
transaction to its target interface. Note that in mapping the transaction to the target interface, an
inbound ATMU window performs a similar function as the local access windows. The target
mappings created by an inbound ATMU must be consistent with those of the local access
windows. That is, if an inbound ATMU maps a transaction to a given local address and a given
target, a local access window must also map that same local address to the same target.
All of the configuration registers that define translation and mapping functions use the concept of
translation or mapping windows, and all follow the same register format. Table 2-3 summarizes
the general format of these window definitions.
Windows must be a power-of-two size. To perform a translation or mapping function, the address
of the transaction is compared with the base address register of each window. The number of bits
used in the comparison is dictated by each window’s size attribute. When an address hits a
Table 2-3. Format of ATMU Window Definitions
Register
Function
Translation address
High-order address bits defining location of the window in the target address space
Base address
High-order address bits defining location of the window in the initial address space
Window size/attributes
Window enable, window size, target interface, and transaction attributes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com