Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 118 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 118 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
1-24
Freescale Semiconductor
Overview
Figure 1-7 shows the MPC8540 in a serializer/deserializer (SERDES) data transfer mode
application enabled by Ethernet.
Figure 1-7. MPC8540 with SERDES
Figure 1-8 shows a DSP farm enabled by the MPC8540 using its local bus controller port.
Figure 1-8. MPC8540 with a DSP Farm Enabled by General-Purpose Chip Select
Machine or User Programmable Machine on the Local Bus Controller Port
Data Out Using 10-Bit Interface
Data In Using 10-Bit Interface
SERDES
MPC8540
Processor
Core
Complex
256K L2
Memory
Block
RapidIO
PCI
2x GEnet
Memory
Control
DDR
Memory
SERDES Interface
10/100/1Gb Ethernet
10/100/1Gb
Ethernet
Data Out
Data In
DDR
Memory
Security
190
64-Bit
66-MHz PCI
Core Complex Unit
256K L2
Memory Block
RapidIO
PCI
2x GEnet
Memory
Control
64-Bit PCI
Interface
GPCM/UPM
DSP
DSP
DSP
DSP
EPROM
Local Bus Controller
DSP Farm
Local Bus
Controller Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com