Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 1302 page
background image
Address Translation and Mapping
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-9
The PCI/PCI-X controller has four outbound ATMU windows plus a default window. The
PCI/PCI-X outbound ATMU registers include an extended translation address register so that up
to 64 bits of external address space can be supported. See Section 16.3.1.2, “PCI/X ATMU
Outbound Registers,” for a detailed description of the PCI/PCI-X outbound ATMU windows.
2.2.5
Inbound Address Translation and Mapping Windows
Inbound address translation and mapping refers to the translation of an address from the external
address space of an I/O interface (such as PCI or RapidIO address space) to the local address space
understood by the internal interfaces of the MPC8540. It also refers to the mapping of transactions
to a particular target interface and the assignment of transaction attributes. Both the RapidIO
controller and the PCI/PCI-X controller have inbound address translation and mapping units
(ATMUs).
2.2.5.1
RapidIO Inbound ATMU
The RapidIO controller has four inbound ATMU windows plus a default. If the inbound
transaction’s address does not hit any of the four inbound ATMU windows, the translation actions
defined by the default window are used. The default window is always enabled. See
Section 17.3.2.2, “ATMU Registers,” for a detailed description of the RapidIO inbound ATMU
windows.
2.2.5.2
PCI/PCI-X Inbound ATMU
The PCI/PCI-X controller has three general inbound ATMU windows plus a dedicated window for
memory mapped configuration accesses (PCSRBAR). These windows have a one-to-one
correspondence with the base address registers in the PCI/PCI-X programming model. Updating
one automatically updates the other. There is no default inbound window; if a PCI/PCI-X address
does not match one of the inbound ATMU windows, the MPC8540 does not respond with an
assertion of PCI_DEVSEL. See Section 16.3.1.3, “PCI/X ATMU Inbound Registers,” for a
detailed description of the PCI/PCI-X inbound ATMU windows.
2.2.5.3
Illegal Interaction Between Inbound ATMUs and Local Access
Windows
Since both local access windows and inbound ATMUs map transactions to a target interface, it is
essential that they not contradict one another. For instance, it is a programming error to have an
inbound ATMU map a transaction to the DDR SDRAM memory controller (target interface
0b1111) if the resulting translated local address is mapped to PCI (target interface 0b0000) by a
local access window. Such a programming error may result in unpredictable system deadlocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com