Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB0 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST7LNB0
Description  Diseqc TM 2.1 Slave Microsontroller for LNBs and Switchers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB0 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST7LNB0 Datasheet HTML 2Page - STMicroelectronics ST7LNB0 Datasheet HTML 3Page - STMicroelectronics ST7LNB0 Datasheet HTML 4Page - STMicroelectronics ST7LNB0 Datasheet HTML 5Page - STMicroelectronics ST7LNB0 Datasheet HTML 6Page - STMicroelectronics ST7LNB0 Datasheet HTML 7Page - STMicroelectronics ST7LNB0 Datasheet HTML 8Page - STMicroelectronics ST7LNB0 Datasheet HTML 9Page - STMicroelectronics ST7LNB0 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ST7LNB0
6/22
5 ST7LNB0 CONFIGURATION
To configure the ST7LNB0 to the required target application, a dedicated DiSEqC command is imple-
mented. This configuration is stored in the ST7LNB0 embedded EEPROM location.
5.1 COMMAND 0Fh
ST7LNB0 devices are shipped to customers with a default parameter value. These parameters can be up-
dated using a dedicated 0Fh DiSEqC command.
This command has the following format where “data” is the parameter value to be programmed at the “in-
dex” location as shown in Table 5.
Note:
The special command E0 xx 0F FF FF protects the EEPROM data from any subsequent write access (where xx is the
corresponding DiSEqC Slave address).
5.2 COMMAND 0Dh
For reading a parameter inside the EEPROM a dedicated 0Dh command has been added.
This command has the following format where” index” is the address in the EPPROM of the byte to be
read (see Table 5)
:The reply frame has the following format where “data” is the read byte from the EEPROM:
Timings:
the time required to update a byte parameter (write and read operation) is 130 ms
the time required to update all the parameters is about 3.5 s
E0h
DiSEqC
Slave address
0Fh
index
data
E2h
DiSEqC
Slave address
0Dh
index
E4h
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com