Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB0 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7LNB0
Description  Diseqc TM 2.1 Slave Microsontroller for LNBs and Switchers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB0 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7LNB0 Datasheet HTML 14Page - STMicroelectronics ST7LNB0 Datasheet HTML 15Page - STMicroelectronics ST7LNB0 Datasheet HTML 16Page - STMicroelectronics ST7LNB0 Datasheet HTML 17Page - STMicroelectronics ST7LNB0 Datasheet HTML 18Page - STMicroelectronics ST7LNB0 Datasheet HTML 19Page - STMicroelectronics ST7LNB0 Datasheet HTML 20Page - STMicroelectronics ST7LNB0 Datasheet HTML 21Page - STMicroelectronics ST7LNB0 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
ST7LNB0
19/22
8 DEVICE CONFIGURATION
8.1 DATA EEPROM OPTION BYTES
FAM OPTION BYTE
Device Family Address.
11h: Normal LNB
15h: Normal Switcher
LOFREQ OPTION BYTE
Local Oscillator Frequency Table Entry Number
This byte indicates the value of a LNB local oscil-
lator:
Lowest Nibble = Lo Local Oscillator Frequency Ta-
ble Entry Number
Highest Nibble = Hi Local Oscillator Frequency
Table Entry Number
Note: see table 2 on page 8 of the “Eutelsat
DisEqC slave microcontroller version 1.0”.
PARAM OPTION BYTE
Output Mode and 22 kHz Tone Use (Hi/Lo or SB/
SA)
Bit 7:8 = Not used.
Bit 6 = Decoded Mode With Only Two Lines (the
lowest line of a selection group is kept low)
0: Decoded mode with only two lines not selected
1: Decoded mode with only two lines selected
Bit 5 = Complementary Mode Selection
0: Complementary Mode not selected
1: Complementary Mode selected
Bit 4:1 = Decoded Mode Number
0: Decoded Mode not selected
1 to 8 : Decoded Mode Number (refer to table 5a
on page 11 of the “Eutelsat DisEqC slave micro-
controller version 1.0”).
Bit 0 = 22 kHz Tone Use
0: 22 kHz tone use for Hi/Lo switching in back-
wards compatible mode
1: 22 kHz tone use for SB/SA switching in back-
wards compatible mode
Note: if neither a decoded mode nor a comple-
mentary output mode is selected, the output mode
is the single polarity output mode (refer to Table 3,
“Single polarity output mode,” on page 4).
Byte Name
Description
Address
FAM
Device Family Address (11h:LNB ; 15h: switcher)
1002h
LOFREQ
Local Oscillator Frequency Table Entry Numbers
1003h
PARAM
Output Mode and 22 kHz Tone Use (Hi/Lo or SB/SA)
1004h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com