Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB0 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST7LNB0
Description  Diseqc TM 2.1 Slave Microsontroller for LNBs and Switchers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB0 Datasheet(HTML) 4 Page - STMicroelectronics

  ST7LNB0 Datasheet HTML 1Page - STMicroelectronics ST7LNB0 Datasheet HTML 2Page - STMicroelectronics ST7LNB0 Datasheet HTML 3Page - STMicroelectronics ST7LNB0 Datasheet HTML 4Page - STMicroelectronics ST7LNB0 Datasheet HTML 5Page - STMicroelectronics ST7LNB0 Datasheet HTML 6Page - STMicroelectronics ST7LNB0 Datasheet HTML 7Page - STMicroelectronics ST7LNB0 Datasheet HTML 8Page - STMicroelectronics ST7LNB0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ST7LNB0
4/22
3 ST7LNB0 FUNCTIONAL DESCRIPTION
3.1 ST7LNB0 Configuration
Unlike the original slave microcontroller described
in the “Eutelsat DiSEqC slave microcontroller ver-
sion 1.0” the ST7LNB0 does not scan the control
pins in order to determine the slave configuration,
instead all configuration parameters must be pro-
grammed for each specific application, an Option
List (Section 8) must be filled-in in order to pro-
gram the necessary options at the manufacturing
stage.
The slave configuration parameters are the follow-
ing:
– The DiSEqC™ slave address e.g.: 11h for an
LNB, 15h for a switcher.
– The Local oscillator frequency table entry
numbers.
– The DiSEqC™ configuration byte (refer to
DiSEqC slave microcontroller document page
15)
– The output mode (see next paragraph)
– 22 kHz tone use in backwards compatible
mode (SB/SA or Hi/Lo switching)
– Standby pin use.
3.2 ST7LNB0 Switching Output Modes
The ST7LNB0 has 8 pins (OP1 to OP 8) available
to provide ‘TTL’ logic levels to operate switches to
select various signal conditions and sources (e.g.
horizontal polarization, satellite position).
As listed in Table 2 the committed output port is
composed of OP1 to OP4 and the uncommitted
output port is composed of OP5 to OP8.
Depending on the application hardware, the
switching control pins OP1 to OP8 may be operat-
ed differently. Three possible output modes can be
configured:
Single polarity output mode. In this mode each
pin can be controlled individually as described in
the following table:
Table 3. Single polarity output mode
Decoded output mode. This mode offers the pos-
sibility to demultiplex three adjacent committed or
uncommitted control lines (e.g Hi/Lo, SB/SA and
SOB/A) in order to have a 1 of 8 demux on the out-
put port OP1 to OP8. (for more details refer to DiS-
EqC™ slave microcontroller specification docu-
ment page 10).
It is also possible to have a 1 of 4 demux by decod-
ing only 2 control lines e.g. SB/SA and SO B/A for
controlling a 1 of 4 switcher for example.
Complementary output mode. In this mode the
state of the uncommitted switching outport pins is
the complementary of the state of the committed
output ports pins (for more details refer to DiSE-
qC™ slave microcontroller document page 14).
Pin Number Function Name
Function
Description
9
OP4
SO B/A
10
OP3
SB/SA
11
OP2
Hor/Ver
12
OP1
Hi/Lo
5
OP5
SW5
6
OP6
SW6
7
OP7
SW7
8
OP8
SW8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com