Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB0 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST7LNB0
Description  Diseqc TM 2.1 Slave Microsontroller for LNBs and Switchers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB0 Datasheet(HTML) 3 Page - STMicroelectronics

  ST7LNB0 Datasheet HTML 1Page - STMicroelectronics ST7LNB0 Datasheet HTML 2Page - STMicroelectronics ST7LNB0 Datasheet HTML 3Page - STMicroelectronics ST7LNB0 Datasheet HTML 4Page - STMicroelectronics ST7LNB0 Datasheet HTML 5Page - STMicroelectronics ST7LNB0 Datasheet HTML 6Page - STMicroelectronics ST7LNB0 Datasheet HTML 7Page - STMicroelectronics ST7LNB0 Datasheet HTML 8Page - STMicroelectronics ST7LNB0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ST7LNB0
3/22
2 ST7LNB0 IMPLEMENTATION
The following figure shows a typical application circuit for the ST7LNB0:
Figure 3 ST7LNB0 typical application circuit
Notes:
1.The divider chain connected to the DRX pin must have the following resistance values: 330K
Ω and
100K
Ω.
2.The reset circuitry linked to the RESET pin is optional, in fact the ST7LNB0 has an internal voltage level
detector LVD which generates a static reset when the VDD supply is below a threshold voltage of 4.1 V.
3.The DiSEqC signalling must have a tone frequency of 22KHz(+/- 20%) and an amplitude exceeding 150
mV peak to peak.
4. When the LVD is enabled (default state), it is mandatory not to connect a pull-up resistor. A 10nF pull-
down capacitor is recommended to filter noise on the reset line.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ST7LNB0
CONTROL
F-CONNECTOR
4.7K (4)
10n
100K
330K
LNB / SWITCHER
CONTROL
SBY
LNB / SWITCHER
(Uncommitted SW)
(Committed SW)
2.2 nF
2N2222
OPTIONAL
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com