Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB0 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST7LNB0
Description  Diseqc TM 2.1 Slave Microsontroller for LNBs and Switchers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB0 Datasheet(HTML) 5 Page - STMicroelectronics

  ST7LNB0 Datasheet HTML 1Page - STMicroelectronics ST7LNB0 Datasheet HTML 2Page - STMicroelectronics ST7LNB0 Datasheet HTML 3Page - STMicroelectronics ST7LNB0 Datasheet HTML 4Page - STMicroelectronics ST7LNB0 Datasheet HTML 5Page - STMicroelectronics ST7LNB0 Datasheet HTML 6Page - STMicroelectronics ST7LNB0 Datasheet HTML 7Page - STMicroelectronics ST7LNB0 Datasheet HTML 8Page - STMicroelectronics ST7LNB0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ST7LNB0
5/22
4 SUPPORTED DiSEqC™ COMMANDS
Table 4. ST7LNB0 DiSEqC™ supported commands
Note:
After a power-on, the ST7LNB0 responds to backwards compatible signalling (13/18 V, 22 kHz, tone
burst) until a valid DiSEqC frame is detected.
In order to return to backwards compatible mode, a RESET command must be sent.
Command
number (Hex
byte)
Command name
Command Function
00h
RESET
Reset DiSEqC™ microcontroller
01h
clr RESET
Clear the “RESET” flag
02h
STANDBY
Switch peripheral power off
03h
Power on
Switch peripheral power supply off
04h
Set Cont
Set contention flag
05h
Contend
Return address only if contention flag is set
06h
Clr Cont
Clear contention flag
07h
Address
Return address unless contention flag is set
08h
Move C
Change address only if contention flag is set
09h
Move
Change address unless contention flag is set
10h
STATUS
Read STATUS register
11h
Config
Read Configuration register
14h
Group 0
Read switching state (committed port)
15h
Group 1
Read switching state (uncommitted port)
20h
Set Lo
Select the low Local oscillator frequency
21h
Set VR
Select the vertical polarization
22h
Set Pos A
Select satellite position A
23h
Set SO A
Select switch Option A
24h
Set Hi
Select the Hi local oscillator frequency
25h
Set HL
Select the Horizontal polarization
26h
Set Pos B
Select satellite position B
27h
Set SO B
Select the switch Option B
28h
Set S1 A
Select switch S1 input A
29h
Set S2 A
Select switch S2 input A
2Ah
Set S3 A
Select switch S3 input A
2Bh
Set S4 A
Select switch S4 input A
2Ch
Set S1 B
Select switch S1 input B
2Dh
Set S2 B
Select switch S2 input B
2Eh
Set S3 B
Select switch S3 input B
2Fh
Set S4B
Select switch S4 input B
38h
Write N0
Write to port group 0 (committed switches)
39h
Write N1
Write to port group 1 (uncommitted switches)
51h
LO
Read current L.O frequency table entry number
52h
LO Lo
Read Lo L.O frequency table entry number
53h
LO Hi
Read Hi L.O frequency table entry number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com