Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB0 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7LNB0
Description  Diseqc TM 2.1 Slave Microsontroller for LNBs and Switchers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB0 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7LNB0 Datasheet HTML 7Page - STMicroelectronics ST7LNB0 Datasheet HTML 8Page - STMicroelectronics ST7LNB0 Datasheet HTML 9Page - STMicroelectronics ST7LNB0 Datasheet HTML 10Page - STMicroelectronics ST7LNB0 Datasheet HTML 11Page - STMicroelectronics ST7LNB0 Datasheet HTML 12Page - STMicroelectronics ST7LNB0 Datasheet HTML 13Page - STMicroelectronics ST7LNB0 Datasheet HTML 14Page - STMicroelectronics ST7LNB0 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ST7LNB0
11/22
6.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added.
6.4.1 Supply Current
TA = -40 to +125°C unless otherwise specified
Notes:
1. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals
in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
2. Data based on typical ST7LNB0 LNB or switcher application software running.
Figure 6. Typical IDD in RUN vs. fCPU
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in RUN mode 1)
VDD=5.5V, fCPU=8MHz
4.50
7
mA
Supply current for LNB
or switcher applications 2)
20
0.0
1.0
2.0
3.0
4.0
5.0
2.4
2.7
3.7
4.5
5
5.5
Vdd (V)
8MHz
4MHz
1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com