Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB0 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7LNB0
Description  Diseqc TM 2.1 Slave Microsontroller for LNBs and Switchers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB0 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST7LNB0 Datasheet HTML 3Page - STMicroelectronics ST7LNB0 Datasheet HTML 4Page - STMicroelectronics ST7LNB0 Datasheet HTML 5Page - STMicroelectronics ST7LNB0 Datasheet HTML 6Page - STMicroelectronics ST7LNB0 Datasheet HTML 7Page - STMicroelectronics ST7LNB0 Datasheet HTML 8Page - STMicroelectronics ST7LNB0 Datasheet HTML 9Page - STMicroelectronics ST7LNB0 Datasheet HTML 10Page - STMicroelectronics ST7LNB0 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ST7LNB0
7/22
Table 5. ST7LNB0 EEPROM Parameters
Notes:
1.Besides the address defined in the EEPROM at index 00h, addresses 10h and 00h are recognized also as valid ad-
dresses.
2. L.O frequencies : Local oscillator table entry numbers.
- High nibble: High L.O frequency
- Low nibble: Low L.O frequency
3.Output configuration byte:
If neither the decoded mode nor the complementary mode is set then the “Single polarity mode” is selected by default.
4. Software version
index
Parameter
Description
Default Value
00
slave address
DiSEqC slave address (00 to FFh), see note 1
14h
01
L.O frequencies
see note 2
00h
02
output configuration
see note 3
0Ah
03
Serial / version number
user can enter a value:0000h to FFFFh
1Bh, see note 4
04
FFh
Bit Number
Bit Description
Value
0
22 KHz use
- 0: High/Low switching
- 1: SB/SA switching
[1:4]
Decoded Mode Selection
- 0: mode not selected
- [ 1 to 8] : decoded mode number
5
Complementary Mode Selection
- 0: mode not selected
- 1: mode selected
6
2 Lines Decoded Mode
Selection
- 0: mode not selected
- 1: mode selected
7
Not Used
- 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com