Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB0 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7LNB0
Description  Diseqc TM 2.1 Slave Microsontroller for LNBs and Switchers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB0 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7LNB0 Datasheet HTML 6Page - STMicroelectronics ST7LNB0 Datasheet HTML 7Page - STMicroelectronics ST7LNB0 Datasheet HTML 8Page - STMicroelectronics ST7LNB0 Datasheet HTML 9Page - STMicroelectronics ST7LNB0 Datasheet HTML 10Page - STMicroelectronics ST7LNB0 Datasheet HTML 11Page - STMicroelectronics ST7LNB0 Datasheet HTML 12Page - STMicroelectronics ST7LNB0 Datasheet HTML 13Page - STMicroelectronics ST7LNB0 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ST7LNB0
10/22
6.3 OPERATING CONDITIONS
6.3.1 General Operating Conditions:
6.3.2 Operating Conditions with Low Voltage Detector (LVD)
Notes:
1. Not tested in production. The VDD rise time rate condition is needed to ensure a correct device power-on and LVD reset.
When the VDD slope is outside these values, the LVD may not ensure a proper reset of the MCU.
6.3.3 Operating Conditions with the DiSEqC™ Signalling
Notes:
1. In backwards compatible mode, bus DC voltage is compared with 15 V, if it exceeds this voltage then it is considered
as 13 V else it is considered as 18 V.
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
4.5
5.5
V
TA
Ambient temperature
-40
+85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
4.00
4.25
4.50
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
3.80
4.10
4.30
Vhys
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
200
mV
VtPOR
VDD rise time rate
1)
20
20000
µs/V
tg(VDD)
Filtered glitch delay on VDD
Not detected by the LVD
150
ns
IDD(LVD)
LVD/AVD current consumption
200
µA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fDiSEqC
DiSEqC™ tone frequency
17.6
22
26.4
KHz
VDiSEqC
DiSEqC™ tone voltage
150
650
mVpp
VBackward
13/18 volt backward compatibility
voltage threshold 1)
15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com