Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LNB0 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7LNB0
Description  Diseqc TM 2.1 Slave Microsontroller for LNBs and Switchers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB0 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7LNB0 Datasheet HTML 1Page - STMicroelectronics ST7LNB0 Datasheet HTML 2Page - STMicroelectronics ST7LNB0 Datasheet HTML 3Page - STMicroelectronics ST7LNB0 Datasheet HTML 4Page - STMicroelectronics ST7LNB0 Datasheet HTML 5Page - STMicroelectronics ST7LNB0 Datasheet HTML 6Page - STMicroelectronics ST7LNB0 Datasheet HTML 7Page - STMicroelectronics ST7LNB0 Datasheet HTML 8Page - STMicroelectronics ST7LNB0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
December 2004
1/22
Rev. 3.0
ST7LNB0
DiSEqC™ 2.1 Slave Microcontroller for LNBs and Switchers
The ST7LNB0 is an 8-bit microcontroller dedicat-
ed to DiSEqC™ slave operation in LNBs and
switchers, it is compliant with the DiSEqC™ 2.1
level, also it supports backwards compatible (13/
18 V, 22 kHz tone) and toneburst signalling.
■ Clock, Reset and Supply Management
– Reduced power consumption.
– Safe power on/off management by low volt-
age detector (LVD).
– Internal 8 MHz oscillator
■ Communication interface
– One DiSEqC™ 2.1 communication interface
■ Analog interface
– 13/18 V voltage detector
– 22 KHz tone detector
■ I/O ports
– 8 output ports for control of committed and un-
committed switches
– 1 output port for standby control
Figure 1. ST7LNB0 Block Diagram
Table 1. Device Summary
SO16
150”
Features
ST7LNB0Y0M6
Packages
SO16 150”
Peripherals
DiSEqC™ 2.1 communication interface, 22KHz tone detector, 13/18V detector
Operating Voltage
4.5 V t0 5.5 V
Temperature range
-40°C to +85°C
8-BIT CORE
ALU
RESET
8 MHz. RC OSC
Internal
CLOCK
CONTROL
VSS
POWER
SUPPLY
LVD
VDD
SWITCH PORTS
DiSEqC™ 2.1
OP[8:1]
SBY
22KHz tone Detector
13/18 V Detector
DRX
DTX
1


Similar Part No. - ST7LNB0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LNB0V2Y0 STMICROELECTRONICS-ST7LNB0V2Y0 Datasheet
457Kb / 30P
DiSEqC??2.1 slave microcontroller for LNBs and switchers
Sep-2007
More results

Similar Description - ST7LNB0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH23 STMICROELECTRONICS-LNBH23 Datasheet
515Kb / 32P
LNBs supply and control IC with step-up and I²C interface
26-Mar-2008
logo
Diodes Incorporated
ZLNB254 DIODES-ZLNB254 Datasheet
183Kb / 2P
ZLNB254 - A dual DiSEqC interface and tone detector for satellite applications.
logo
STMicroelectronics
ST7LNB0V2Y0 STMICROELECTRONICS-ST7LNB0V2Y0 Datasheet
457Kb / 30P
DiSEqC??2.1 slave microcontroller for LNBs and switchers
Sep-2007
ST7LNB1Y0 STMICROELECTRONICS-ST7LNB1Y0 Datasheet
542Kb / 36P
DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
19-Jul-2007
logo
Melexis Microelectronic...
MLX81150 MELEXIS-MLX81150 Datasheet
591Kb / 23P
LIN-Slave for relay and DC motor control
logo
Molex Electronics Ltd.
63801-8800 MOLEX11-63801-8800 Datasheet
43Kb / 1P
TM-3000 and TM-4000 Adapter for Hirose Applicator
0625002992 MOLEX11-0625002992 Datasheet
37Kb / 1P
Step-Up Transformer For TM-3000 and TM-4000 Presses
logo
STMicroelectronics
LNBH26LS STMICROELECTRONICS-LNBH26LS Datasheet
1Mb / 33P
Dual LNBS supply and control IC with step-up and IC interface
December 2013 Rev 1
logo
Molex Electronics Ltd.
0638018400 MOLEX-0638018400 Datasheet
60Kb / 1P
TM-3000 and TM-4000 Press Adapter Kit for JAE Applicator
08/25/2022
0638018800 MOLEX-0638018800 Datasheet
35Kb / 1P
TM-3000 and TM-4000 Adapter for Hirose Applicator
08/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com