Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/RV Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/RV
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/RV Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
Pre-Production
WM8590
w
PP Rev 3.3 September 2005
35
ATTACK AND DECAY TIMES
The limiter and ALC have different attack and decay times which determine their operation. However,
the attack and decay times are defined slightly differently for the limiter and for the ALC. DCY and
ATK control the decay and attack times, respectively.
Decay time (Gain Ramp-Up). When in ALC mode, this is defined as the time that it takes for the
PGA gain to ramp up across 90% of its range (e.g. from –21dB up to +20 dB). When in limiter mode,
it is defined as the time it takes for the gain to ramp up by 6dB.
The decay time can be programmed in power-of-two (2
n) steps. For the ALC this gives times from
33.6ms, 67.2ms, 134.4ms etc. to 34.41s. For the limiter this gives times from 1.2ms, 2.4ms etc., up
to 1.2288s.
Attack time (Gain Ramp-Down) When in ALC mode, this is defined as the time that it takes for the
PGA gain to ramp down across 90% of its range (e.g. from +20dB down to -21dB gain). When in
limiter mode, it is defined as the time it takes for the gain to ramp down by 6dB.
The attack time can be programmed in power-of-two (2
n) steps, from 8.4ms, 16.8ms, 33.6ms etc. to
8.6s for the ALC and from 250us, 500us, etc. up to 256ms.
The time it takes for the recording level to return to its target value or static gain value therefore
depends on both the attack/decay time and on the gain adjustment required. If the gain adjustment is
small, it will be shorter than the attack/decay time.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
LC Attack (Gain Ramp-down) Time
3:0
ATK[3:0]
0010
ALC mode
0000: 8.4ms
0001: 16.8ms
0010: 33.6ms…
(time doubles with
every step)
1010 or higher:
8.6s
Limiter Mode
0000: 250us
0001: 500us…
0010: 1ms
(time doubles with
every step)
1010 or higher: 256ms
LC Decay (Gain Ramp-up) Time
R18 (12h)
0010010
ALC
Control 3
7:4
DCY [3:0]
1001
ALC mode
0000: 33.5ms
0001: 67.2ms
0010: 134.4ms
….(time doubles for
every step)
1001: 17.15s
1010 or higher:
34.3s
Limiter mode
0000: 1.2ms
0001: 2.4ms
0010: 4.8ms ….(time
doubles for every
step)
1001: 614.4ms
1010 or higher:
1.2288s
ZERO CROSS
The PGA has a zero cross detector to prevent gain changes introducing noise to the signal. In ALC
mode the register bit ALCZC allows this to be turned off if desired.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R17 (11h)
0010001
ALC Control 2
7
ALCZC
1
(enabled)
PGA Zero Cross Enable:
0 : disabled
1: enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com